Electronic Components Datasheet Search
  English  ▼

X  

TDA4886 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4886
Description  140 MHz video controller with I2C-bus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4886 Datasheet HTML 1Page - NXP Semiconductors TDA4886 Datasheet HTML 2Page - NXP Semiconductors TDA4886 Datasheet HTML 3Page - NXP Semiconductors TDA4886 Datasheet HTML 4Page - NXP Semiconductors TDA4886 Datasheet HTML 5Page - NXP Semiconductors TDA4886 Datasheet HTML 6Page - NXP Semiconductors TDA4886 Datasheet HTML 7Page - NXP Semiconductors TDA4886 Datasheet HTML 8Page - NXP Semiconductors TDA4886 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
1998 Nov 11
2
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
QUICK REFERENCE DATA
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
Signal input stage (input clamping, blanking
and clipping)
7.2
Electronic potentiometer stages
7.3
Output stage
7.4
Pedestal blanking
7.5
Output clamping, feedback references and
DAC outputs
7.6
Clamping and blanking pulses
7.7
On Screen Display (OSD)
7.8
Subcontrast/contrast modulation and beam
current limiting
7.9
I2C-bus control
7.10
I2C-bus data buffer
8
LIMITING VALUES
9
THERMAL CHARACTERISTICS
10
CHARACTERISTICS
11
I2C-BUS PROTOCOL
12
TEST AND APPLICATION INFORMATION
12.1
Test boards
12.2
Recommendations for building the application
board
13
INTERNAL CIRCUITRY
14
PACKAGE OUTLINE
15
SOLDERING
15.1
Introduction
15.2
Soldering by dipping or by wave
15.3
Repairing soldered joints
16
DEFINITIONS
17
LIFE SUPPORT APPLICATIONS
18
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com