Electronic Components Datasheet Search
  English  ▼

X  

TDA5145 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA5145
Description  Brushless DC motor drive circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA5145 Datasheet HTML 10Page - NXP Semiconductors TDA5145 Datasheet HTML 11Page - NXP Semiconductors TDA5145 Datasheet HTML 12Page - NXP Semiconductors TDA5145 Datasheet HTML 13Page - NXP Semiconductors TDA5145 Datasheet HTML 14Page - NXP Semiconductors TDA5145 Datasheet HTML 15Page - NXP Semiconductors TDA5145 Datasheet HTML 16Page - NXP Semiconductors TDA5145 Datasheet HTML 17Page - NXP Semiconductors TDA5145 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
June 1994
14
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145
Fig.10 Typical CAP-TI and VMOT1 voltage waveforms in normal running mode.
If the chosen value of CAP-TI is too small oscillations can occur in certain positions of a blocked rotor. If the chosen value is too large, then it
is possible that the motor may run in the reverse direction (synchronously with little torque).
Other design aspects
There are other design aspects concerning the application
of the TDA5145 besides the commutation function. They
are:
• Generation of the tacho signal FG
• General purpose operational transconductance
amplifier (OTA)
• Motor control
• Direction function
• Brake function
• Reliability.
FG SIGNAL
The FG signal is generated in the TDA5145 by using the
zero-crossing of the motor EMF from the three motor
windings. Every zero-crossing in a (star connected) motor
winding is used to toggle the FG output signal. The FG
frequency is therefore half the commutation frequency. All
transitions indicate the detection of a zero-crossing.
The accuracy of the FG output signal depends on the
symmetry of the motor's electromagnetic construction,
which also effects the satisfactory functioning of the motor
itself.
Example: a 3-phase motor with 6 magnetic pole-pairs at
1500 rpm and with a full-wave drive has a commutation
frequency of 25
× 6 × 6 = 900 Hz, and generates a tacho
signal of 450 Hz.
THE OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
The OTA is an uncommitted amplifier with a high output
current (40 mA) that can be used as a control amplifier.
The common mode input range includes ground (GND)
and rises to VP − 1.7 V. The high sink current enables the
OTA to drive a power transistor directly in an analog
control amplifier.
Although the gain is not extremely high (0.3 S), care must
be taken with the stability of the circuit if the OTA is used
as a linear amplifier as no frequency compensation has
been provided.
The convention for the inputs (inverting or not) is the same
as for a normal operational amplifier: with a resistor (as
load) connected from the output (AMP OUT) to the positive
supply, a positive-going voltage is found when the
non-inverting input (+AMP IN) is positive with respect to
the inverting input (
−AMP IN). Confusion is possible
because a ‘plus’ input causes less current, and so a
positive voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com