Electronic Components Datasheet Search
  English  ▼

X  

TDA5145 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA5145
Description  Brushless DC motor drive circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA5145 Datasheet HTML 11Page - NXP Semiconductors TDA5145 Datasheet HTML 12Page - NXP Semiconductors TDA5145 Datasheet HTML 13Page - NXP Semiconductors TDA5145 Datasheet HTML 14Page - NXP Semiconductors TDA5145 Datasheet HTML 15Page - NXP Semiconductors TDA5145 Datasheet HTML 16Page - NXP Semiconductors TDA5145 Datasheet HTML 17Page - NXP Semiconductors TDA5145 Datasheet HTML 18Page - NXP Semiconductors TDA5145 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
June 1994
15
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145
MOTOR CONTROL
DC motors can be controlled in an analog manner using
the OTA.
For the analog control an external transistor is required.
The OTA can supply the base current for this transistor
and act as a control amplifier (see Fig.8).
DIRECTION FUNCTION
If the voltage at pin 10 is <0.8 V, the motor is running in
one direction (depending on the motor connections). If the
voltage at pin 10 >2.0 V, the motor is running in the other
direction.
BRAKE FUNCTION
If the voltage at pin 9 is >2.0 V, the motor brakes. In that
condition, the 3 outputs MOT1, MOT2 and MOT3 are
forced at a LOW voltage level and the current limitation is
done internally by the sink drivers.
RESET FUNCTION
If the voltage at pin 21 is >2.0 V, the output states are
shown in Table 2.
Table 2
Output states if VRESET > 2.0 V.
Note
1. Z = high-impedance OFF-state; L = LOW state;
H = HIGH state.
DRIVER OUTPUT
STATE(1)
MOT1
Z
MOT2
L
MOT3
H
Table 3
Switching sequence after a reset pulse.
Note
1. Z = high-impedance OFF-state; L = LOW state; H = HIGH state.
DIR(1)
RESET(1)
MOT1(1)
MOT2(1)
DIR(1)
FUNCTION
H
H
Z
L
H
reset
H
L
Z
L
H
normal direction mode
sequence
HLHL
Z
HLH
Z
L
HL
Z
H
L
HL
LH
Z
HL
L
Z
H
L
H
H
L
Z
reset
L
L
H
L
Z
reverse direction mode
sequence
L
LZL
H
LLL
Z
H
LLL
H
Z
LL
Z
H
L
LL
H
Z
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com