Electronic Components Datasheet Search
  English  ▼

X  

MP28162GC Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP28162GC
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162GC Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP28162GC Datasheet HTML 13Page - Monolithic Power Systems MP28162GC Datasheet HTML 14Page - Monolithic Power Systems MP28162GC Datasheet HTML 15Page - Monolithic Power Systems MP28162GC Datasheet HTML 16Page - Monolithic Power Systems MP28162GC Datasheet HTML 17Page - Monolithic Power Systems MP28162GC Datasheet HTML 18Page - Monolithic Power Systems MP28162GC Datasheet HTML 19Page - Monolithic Power Systems MP28162GC Datasheet HTML 20Page - Monolithic Power Systems MP28162GC Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
18
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
300k
R1
52.3k
R2
VIN = 1.8 to 5.5V
VOUT = 3.3V
1µH
L1
PGND
SW2
VCC
AGND
MODE/SYNC
VOUT
FB
SW1
VIN
EN
MP28162
U1
100k
R3
22µF
C1
22µF
C2A
22µF
C2B
4.7µF
C3
22µF
C2C
0603
0603
0603
0603
Figure 4: Typical Application Circuit (VOUT = 3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com