Electronic Components Datasheet Search
  English  ▼

X  

MP4415A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4415A
Description  1.5A, 36V, 2.2MHz, High-Efficiency Synchronous Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4415A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4415A Datasheet HTML 7Page - Monolithic Power Systems MP4415A Datasheet HTML 8Page - Monolithic Power Systems MP4415A Datasheet HTML 9Page - Monolithic Power Systems MP4415A Datasheet HTML 10Page - Monolithic Power Systems MP4415A Datasheet HTML 11Page - Monolithic Power Systems MP4415A Datasheet HTML 12Page - Monolithic Power Systems MP4415A Datasheet HTML 13Page - Monolithic Power Systems MP4415A Datasheet HTML 14Page - Monolithic Power Systems MP4415A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP4415A
– 36V, 1.5A, 2.2MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP4415A Rev. 1.0
MonolithicPower.com
11
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
SW
AGND
PGND
EN/DIM
PG
FB
VCC
IN
BST
RSEN
VCC
Regula tor
Os cillator
Refe re nc e
Current-Se ns e
Amplif er
Error Amplifier
Current Lim it
Comparator
LS
Drive r
HS
Drive r
Boot strap
Regula tor
Com parato r
On Ti me Con tr ol
Logi c Contro l
VCC
1 pF
56pF
300k
400k
6.5V
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com