Electronic Components Datasheet Search
  English  ▼

X  

MP4415A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4415A
Description  1.5A, 36V, 2.2MHz, High-Efficiency Synchronous Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4415A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4415A Datasheet HTML 8Page - Monolithic Power Systems MP4415A Datasheet HTML 9Page - Monolithic Power Systems MP4415A Datasheet HTML 10Page - Monolithic Power Systems MP4415A Datasheet HTML 11Page - Monolithic Power Systems MP4415A Datasheet HTML 12Page - Monolithic Power Systems MP4415A Datasheet HTML 13Page - Monolithic Power Systems MP4415A Datasheet HTML 14Page - Monolithic Power Systems MP4415A Datasheet HTML 15Page - Monolithic Power Systems MP4415A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP4415A
– 36V, 1.5A, 2.2MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP4415A Rev. 1.0
MonolithicPower.com
12
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The
MP4415A
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. The
MP4415A offers a very compact solution that
achieves 1.5A of continuous output current with
excellent load and line regulation over a 4V to
36V input supply range.
The MP4415A operates in fixed-frequency,
peak current control mode to regulate the
output voltage. An internal clock initiates a
pulse-width
modulation
(PWM)
cycle.
The
integrated high-side power MOSFET (HS-FET)
turns on and remains on until the current
reaches the value set by the COMP voltage
(VCOMP). When the power switch is off, it
remains off until the next clock cycle begins. If
the current in the power MOSFET does not
reach the value set by VCOMP within 85% of one
PWM period, the power MOSFET is forced off.
Internal Regulator
A 4.9V internal regulator powers most of the
internal circuitries. This regulator takes VIN as
the input and operates in the full VIN range.
When VIN exceeds 4.9V, the output of the
regulator is in full regulation. When VIN falls
below 4.9V, the output decreases following VIN.
A
0.1µF
decoupling
ceramic
capacitor
is
required at VCC.
Continuous
Conduction
Mode
(CCM)
Operation
The MP4415A uses continuous conduction
modulation (CCM) mode to ensure that the part
works with a fixed frequency from a no-load to
full-load range. The advantage of CCM is the
controllable frequency and lower output ripple
at light load.
Frequency Foldback
The MP4415A enters frequency foldback when
the input voltage exceeds 21V. The frequency
decreases to half the nominal value and
changes to 1.1MHz.
Frequency foldback also occurs during soft start
and short-circuit protection.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage to the internal 0.807V reference (VREF)
and outputs a current proportional to the
difference between the two. This output current
then
charges
or
discharges
the
internal
compensation network to form VCOMP, which
controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO comparator monitors the output
voltage of the internal regulator (VCC). The
UVLO rising threshold is about 3.5V with a
330mV hysteresis.
Enable/SYNC
EN/SYNC is a control pin that turns the
regulator on and off. Drive EN/SYNC high to
turn on the regulator; drive EN/SYNC low to
turn it off. An internal 400k
Ω resistor from
EN/SYNC to GND allows EN/SYNC to be
floated to shut down the chip.
EN/SYNC is clamped internally using a 6.5V
series Zener diode (see Figure 2). Connecting
the EN/SYNC input through a pull-up resistor to
the voltage on VIN limits the EN input current to
less than 100µA. For example, with 12V
connected to VIN, RPULLUP ≥ (12V - 6.5V) ÷
100µA = 55kΩ.
Connecting EN/SYNC directly to a voltage
source
without
a
pull-up
resistor
requires
limiting the amplitude of the voltage source to
≤6V to prevent damage to the Zener diode.
Figure 2: 6.5V Zener Diode Connection
Connect an external clock with a range of
450kHz to 2.2MHz to synchronize the internal
clock rising edge to the external clock rising
edge. The pulse width of the external clock
signal should be below 350ns. The off time of
the external clock signal should be below 1.9µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com