Electronic Components Datasheet Search
  English  ▼

X  

MPQ5074 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ5074
Description  5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5074 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ5074 Datasheet HTML 1Page - Monolithic Power Systems MPQ5074 Datasheet HTML 2Page - Monolithic Power Systems MPQ5074 Datasheet HTML 3Page - Monolithic Power Systems MPQ5074 Datasheet HTML 4Page - Monolithic Power Systems MPQ5074 Datasheet HTML 5Page - Monolithic Power Systems MPQ5074 Datasheet HTML 6Page - Monolithic Power Systems MPQ5074 Datasheet HTML 7Page - Monolithic Power Systems MPQ5074 Datasheet HTML 8Page - Monolithic Power Systems MPQ5074 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MPQ5074
– 5.5V, 3A, LOW-RDS(ON) LOAD SWITCH W/ CONFIGURABLE CURRENT LIMIT
MPQ5074 Rev. 1.0
MonolithicPower.com
4
8/21/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VCC = 3.6V, TJ = - 40°C to +125°C, typical values are tested at TJ = 25°C, unless otherwise
noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input and Supply Voltage Range
Input voltage
VIN
1.2
5.5
V
Supply voltage
VCC
3
5.5
V
Supply Current
Off state leakage current
IOFF
VIN = 5V, VEN = 0V, TJ = 25°C
0.05
0.2
µA
VIN = 5V, VEN = 0V,
TJ = -40°C to +125°C
50
µA
VCC standby current
ISTBY
VCC = 5V, VEN = 0V
0.01
1
µA
VCC = 5V, enabled, no load
220
330
µA
Power MOSFET
On resistance
RDS(ON)
VCC = 5V
6.5
13
mΩ
VCC = 3.3V
8.5
16
mΩ
Thermal Shutdown and Recovery
Shutdown temperature (5)
TSD
155
°C
Hysteresis (5)
THYS
30
°C
Under-Voltage Lockout (UVLO) Protection
VCC UVLO rising threshold
VCC_UVLO
2.5
2.8
V
VCC UVLO hysteresis
VUVLO_HYS
200
mV
Soft Start
SS pull-up current
ISS
9
µA
Enable (EN)
EN rising threshold
VEN_RISING
1.3
1.5
1.7
V
EN hysteresis
VEN_HYS
400
mV
Current Limit (ILIMIT)
Current limit
ILIMIT
RILIM = 50k
Ω
1.36
1.7
2.04
A
RILIM = 26.1
kΩ (5)
3
A
ILIMIT warning
RILIM = 50k
Ω
1.28
1.6
1.92
A
ILIM voltage
VILIM
RILIM = 50k
Ω
0.974
V
Sense ratio
RILIM = 50k
Ω
87000
Discharge Resistance
Discharge resistance
RDIS
200
Ω
Power Good (PG)
PG rising threshold
VPG_RISING
Voltage gap between VOUT & VIN
150
mV
PG hysteresis
VPG_HYS
50
mV
PG delay
tPG_DELAY
Low to high
70
μs
PG high voltage
VPG_HIGH
VCC = 3.3V
3.2
V
PG low voltage
VPG_LOW
Sink 1mA
0.2
V
Note:
5) Guaranteed by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com