Electronic Components Datasheet Search
  English  ▼

X  

MPQ5074 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ5074
Description  5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5074 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ5074 Datasheet HTML 9Page - Monolithic Power Systems MPQ5074 Datasheet HTML 10Page - Monolithic Power Systems MPQ5074 Datasheet HTML 11Page - Monolithic Power Systems MPQ5074 Datasheet HTML 12Page - Monolithic Power Systems MPQ5074 Datasheet HTML 13Page - Monolithic Power Systems MPQ5074 Datasheet HTML 14Page - Monolithic Power Systems MPQ5074 Datasheet HTML 15Page - Monolithic Power Systems MPQ5074 Datasheet HTML 16Page - Monolithic Power Systems MPQ5074 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPQ5074
– 5.5V, 3A, LOW-RDS(ON) LOAD SWITCH W/ CONFIGURABLE CURRENT LIMIT
MPQ5074 Rev. 1.0
MonolithicPower.com
13
8/21/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
MPQ5074A
SS
Charge
Pump
VIN
UVLO
Control
Logical
ILIM
VOUT
EN
4μA
+
-
Fast-Off
Comparator
1V
9μA
4μA
Current
Sense
VCC
Current Limit
Comparator
8μA
VCC
Thermal
Sense
80k
GND
Soft Start
Comparator
VCC
PG
VREF
VOUT
Power Good
VIN - 0.15V
VILIM
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com