Electronic Components Datasheet Search
  English  ▼

X  

KSP13 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KSP13
Description  NPN Epitaxial Silicon Darlington Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSP13 Datasheet(HTML) 2 Page - ON Semiconductor

  KSP13 Datasheet HTML 1Page - ON Semiconductor KSP13 Datasheet HTML 2Page - ON Semiconductor KSP13 Datasheet HTML 3Page - ON Semiconductor KSP13 Datasheet HTML 4Page - ON Semiconductor KSP13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSP13
www.onsemi.com
2
TYPICAL CHARACTERISTICS
1M
100k
10k
1k
0.0
0.8
1.6
2.4
0.4
1.2
2.0
IC, Collector Current (mA)
Figure 1. DC Current Gain
Figure 2. Base−Emitter Saturation Voltage
Collector−Emitter Saturation Voltage
Figure 3. Base−Emitter On Voltage
1
10
100
IC, Collector Current (mA)
100
1
10
0.1
110
IC, Collector Current (mA)
100
1000
VCE = 5 V
10
100
1000
10
Figure 4. Current Gain Bandwidth Product
VBE, Base−Emitter Voltage (V)
VCE = 5 V
VCE = 5 V
IC = 1000IB
VBE(sat)
VCE(sat)
100
10
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com