Electronic Components Datasheet Search
  English  ▼

X  

SCA61T Datasheet(PDF) 11 Page - VTI technologies

Part # SCA61T
Description  THE SCA61T INCLINOMETER SERIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA61T Datasheet(HTML) 11 Page - VTI technologies

Back Button SCA61T Datasheet HTML 7Page - VTI technologies SCA61T Datasheet HTML 8Page - VTI technologies SCA61T Datasheet HTML 9Page - VTI technologies SCA61T Datasheet HTML 10Page - VTI technologies SCA61T Datasheet HTML 11Page - VTI technologies SCA61T Datasheet HTML 12Page - VTI technologies SCA61T Datasheet HTML 13Page - VTI technologies SCA61T Datasheet HTML 14Page - VTI technologies SCA61T Datasheet HTML 15Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SCA61T Series
VTI Technologies Oy
Subject to changes
11/18
www.vti.fi
Doc. nr. 8261900
Rev.A
•
data transfer out from MISO starts with the falling edge of SCK immediately after the last bit of
the SPI command is sampled in on the rising edge of SCK
•
maximum SPI clock frequency is 500kHz
•
maximum data transfer speed for RDAX is 5300 samples per sec / channel
The SPI command can be either an individual command or a combination of command and data.
In the case of combined command and data, the input data follows uninterruptedly the SPI
command and the output data is shifted out parallel with the input data.
The SPI interface uses an 8-bit instruction (or command) register. The list of commands is given in
Table below.
Command
Name
Command
Format
Description:
MEAS
00000000
Measure mode (normal operation mode after power on)
RWTR
00001000
Read and write temperature data register
RDSR
00001010
Read status register
RLOAD
00001011
Reload NV data to memory output register
STX
00001110
Activate Self test for X-channel
RDAX
00010000
Read X-channel acceleration through SPI
Measure mode (MEAS)
is standard operation mode after power-up. During normal operation, the
MEAS command is the exit command from Self test.
Read temperature data register (RWTR)
reads temperature data register during normal
operation without effecting the operation. Temperature data register is updated every 150 µs. The
load operation is disabled whenever the CSB signal is low, hence CSB must stay high at least 150
µs prior the RWTR command in order to guarantee correct data. The data transfer is presented in
Figure below. The data is transferred MSB first. In normal operation, it does not matter what data is
written into temperature data register during the RWTR command and hence writing all zeros is
recommended.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
CS B
SC K
MIS O
MO S I
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
HIG H IM PE DA N C E
CO M M A N D
DA T A IN
DA T A OU T
Figure 10.
Command and 8 bit temperature data transmission over the SPI
Self test for X-channel (STX)
activates the self test function for the X-channel (Channel 1). The
Internal charge pump is activated and a high voltage is applied to the X-channel acceleration
sensor element electrode. This causes the electrostatic force that deflects the beam of the sensing
element and simulates the acceleration to the positive direction. The self-test is de-activated by
giving the MEAS command.
Read X-channel acceleration (RDAX)
accesses the AD converted X-channel acceleration signal
stored in acceleration data register X.
During normal operation, acceleration data registers are reloaded every 150 µs. The load
operation is disabled whenever the CSB signal is low, hence CSB must stay high at least 150 µs
prior the RDAX command in order to guarantee correct data. Data output is an 11-bit digital word
that is fed out MSB first and LSB last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com