Electronic Components Datasheet Search
  English  ▼

X  

SCA61T Datasheet(PDF) 12 Page - VTI technologies

Part # SCA61T
Description  THE SCA61T INCLINOMETER SERIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA61T Datasheet(HTML) 12 Page - VTI technologies

Back Button SCA61T Datasheet HTML 8Page - VTI technologies SCA61T Datasheet HTML 9Page - VTI technologies SCA61T Datasheet HTML 10Page - VTI technologies SCA61T Datasheet HTML 11Page - VTI technologies SCA61T Datasheet HTML 12Page - VTI technologies SCA61T Datasheet HTML 13Page - VTI technologies SCA61T Datasheet HTML 14Page - VTI technologies SCA61T Datasheet HTML 15Page - VTI technologies SCA61T Datasheet HTML 16Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SCA61T Series
VTI Technologies Oy
Subject to changes
12/18
www.vti.fi
Doc. nr. 8261900
Rev.A
10
9
8
7
6
5
0
1
4
3
2
CS B
SC K
MIS O
MO S I
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
HIG H IM P E DA N C E
COM M A N D
DAT A OU T
16
17
18
Figure 11.
Command and 11 bit acceleration data transmission over the SPI
2.5
Digital Output to Angle Conversion
The acceleration measurement results in RDAX data register are in 11 bit digital word format. The
data range is from 0 to 2048. The nominal content of RDAX data register in zero angle position is:
Binary: 100 0000 0000
Decimal: 1024
The transfer function from differential digital output to angle can be presented as
[]
[
]
[]
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
°
LSB/g
LSB
LSB
arcsin
0
@
Sens
D
D
out
out
α
where;
Dout
digital output (RDAX)
Dout@0°
digital offset value, nominal value = 1024
α
angle
Sens
sensitivity of the device
. (SCA61T-FAHH1G: 1638, SCA61T-FA1H1G: 819)
As an example following table contains data register values and calculated differential digital
output values with -5, -1 0, 1 and 5 degree tilt angles.
Angle
[°]
Acceleration
[mg]
RDAX (SCA61T-
FAHH1G)
RDAX (SCA61T-
FA1H1G)
-5
-87.16
dec: 881
bin: 011 0111 0001
dec: 953
bin: 011 1011 1001
-1
-17.45
dec: 995
bin: 011 1110 0011
dec: 1010
bin: 011 1111 0010
0
0
dec: 1024
bin: 100 0000 0000
dec: 1024
bin: 100 0000 0000
1
17.45
dec: 1053
bin: 100 0001 1101
dec: 1038
bin: 100 0000 1110
5
87.16
dec: 1167
bin: 100 1000 1111
dec: 1095
bin: 100 0100 0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com