Electronic Components Datasheet Search
  English  ▼

X  

T6421M Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # T6421M
Description  BI-DIRECTIONAL Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T6421M Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  T6421M Datasheet HTML 1Page - Inchange Semiconductor Company Limited T6421M Datasheet HTML 2Page - Inchange Semiconductor Company Limited T6421M Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISTM4035
eq T6421M
BI-DIRECTIONAL Thyristors
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VR=VRRM ,TJ=125℃
--
--
10
mA
IDRM
Repetitive Peak Off-state Current
VD=VDRM ,TJ=125℃
--
--
10
mA
VTM
Forward voltage drop
Ipk= 50A, TJ = 25℃ tp = 10ms sine pulse
--
--
1.71
V
rT1
Low level value of forward slope resistance
(16.7% x
πx IF(AV)<I<πxIF(AV)), TJ=TJmax.
--
--
10.1
mΩ
rT2
High level value of forward slope resistance
(16.7% x
πx IF(AV)<I<πxIF(AV)), TJ=TJmax.
5.7
mΩ
IGT
Gate-Trigger Current
TJ=25℃
--
--
60
mA
VGT
Gate-Trigger Voltage
TJ=25℃
--
--
2.0
V
VGD
Gate Non-trigger Voltage
VDRM = rated value,
TJ = TJ max
--
--
0.2
V
IGD
Gate Trigger Current
VDRM = rated value,
TJ = TJ max
--
--
2.0
mA
IL
Latching Current
TJ = 25
°C, anode supply 12V resistive load
--
--
130
mA
IH
Holding Current
TJ=25℃
--
--
200
mA
Rth j-c
thermal resistance junction to case
--
0.75
--
℃
/W
MODULE
M
Mounting Screw
--
2.3
--
N.m
Rth j-c
thermal resistance junction to case
--
0.75
--
℃
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com