Electronic Components Datasheet Search
  English  ▼

X  

T6421M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T6421M
Description  BI-DIRECTIONAL Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T6421M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T6421M Datasheet HTML 1Page - Inchange Semiconductor Company Limited T6421M Datasheet HTML 2Page - Inchange Semiconductor Company Limited T6421M Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISTM4035
eq T6421M
BI-DIRECTIONAL Thyristors
www.iscsemi.com
1
FEATURES
· Improved glass passivation for high reliability
and exceptional stability at high temperature
· High di/dt and dv/dt capabilities
· Low thermal resistance
APPLICATIONS
· Medium power switching
· Phase control applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive Peak Off-state Voltage
600
V
VRRM
Repetitive Peak Reverse Voltage
600
V
IT(AV)
Max. average forward current
Tc= 85℃
180
° conduction, half sine wave
25
A
ITRMS
RMS forward current
40
A
ITSM
Non-repetitive Peak On-state Current
t = 10ms
No voltage
reapplied
420
A
t = 8.3ms
440
t = 10ms
100% VRRM
reapplied
350
t = 8.3ms
370
I2t
I2t Value for Fusing
t = 10ms
No voltage
reapplied
867
A2s*103
t = 8.3ms
790
t = 10ms
100% VRRM
reapplied
615
t = 10ms
No voltage
reapplied
560
di/dt
Max. rate of rise of turned-on current
200
A/us
dv/dt
Max. critical rate of rise of
100
V/us
VT(TO)1
Low level value of threshold voltage
(16.7%x
πx IF(AV)<I<πx IF(AV)), TJ=TJmax
0.99
V
VT(TO)2
High level value of threshold voltage
(I >
π x IF(AV)), TJ= TJmax
1.40
V
PGM
Maximum peak gate power
8
W
PG(AV)
Maximum average gate power
2.0
W
TJ
Virtual Junction Temperature
-65~125
℃
Tstg
Storage Temperature
-65~125
℃


Similar Part No. - T6421M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T6421M ETC-T6421M Datasheet
297Kb / 5P
30-A SILICON TRIACS
logo
Digitron Semiconductors
T6421M DIGITRON-T6421M Datasheet
268Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - T6421M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDCA-16-30 ETC-BDCA-16-30 Datasheet
108Kb / 1P
Bi-Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
BI-DIRECTIONAL COUPLERS
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
Bi-directional
logo
SYNERGY MICROWAVE CORPO...
KDS-30-30 SYNERGY-KDS-30-30 Datasheet
351Kb / 3P
BI-DIRECTIONAL COUPLER
SC5100BD SYNERGY-SC5100BD Datasheet
373Kb / 3P
BI-DIRECTIONAL COUPLER
SCL-1D-BD SYNERGY-SCL-1D-BD Datasheet
330Kb / 3P
Bi-directional coupler
SCS100800-20 SYNERGY-SCS100800-20 Datasheet
465Kb / 4P
BI-DIRECTIONAL COUPLER
logo
Jinan Jingheng (Group) ...
ESD9D5C-2 JINANJINGHENG-ESD9D5C-2 Datasheet
148Kb / 2P
Bi-Directional TVS
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com