Electronic Components Datasheet Search
  English  ▼

X  

SCA610 Datasheet(PDF) 1 Page - VTI technologies

Part # SCA610
Description  Accelerometer/Inclinometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA610 Datasheet(HTML) 1 Page - VTI technologies

  SCA610 Datasheet HTML 1Page - VTI technologies SCA610 Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 3 /30 Dec 2005
VTI Technologies reserves the right to modify this specification without prior to notice.
Vout(@Vx) x
RE = 100% x
Vout(@5V)
5.00
V
Vx
1-
SCA610 Series
FEATURES
• Available ranges ±0.5 g (±30 º), ±1 g (±90 º), ±1.5 g, ±1.7 g,
±3.0 g
• 8-pin plastic surface mount DIP package mountable with pick
and place machines
• Enhanced failure detection
• Digitally activated electrostatic self test (not for inclinometers)
• Calibration memory parity check
• Continuous connection failure detection
• Bi-directional acceleration measurement
• Controlled frequency response in the sensing element
• Single +5 V supply; ratiometric voltage output in the range
4.75 … 5.25 V
• Lead-free reflow solderable lead-free component
BENEFITS
• Exceptional reliability, unprecedented accuracy
and excellent stability over temperature and time
• Outstanding overload and shock durability
• No additional components required
APPLICATIONS
• Acceleration measurement
• Inclination measurement
• Motion measurement
• Vibration measurement
For customised product please contact
VTI Technologies
Accelerometer/Inclinometer
ELECTRICAL CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Units
Supply voltage Vdd
4.75
5.25
V
Current consumption
Vdd = 5 V; No load
2.0
4.0
mA
Operating temperature
- 40
+ 125
°C
Resistive output load
Vout to Vdd or Vss
20
kOhm
Capacitive load
Vout to Vdd or Vss
20
nF
Output noise (1
DC...4 kHz
5
mVrms
PERFORMANCE CHARACTERISTICS
Parameter
Condition/
Comment
SCA610-
CAHH1G (13
SCA610-
CA1H1G (13
SCA610-
C21H1A
SCA610-
C23H1A
SCA610-
C28H1A
SCA610-
C13H1A
SCA610-
CC5H1A
Units
Measuring range (2
Nominal
±0.5 (±30 º)
±1 (±90 º)
±1
±1.5
±1.7
±1 .5
±3
g
Mounting plane (3
Measuring Direction
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Zero point (nom.) (4
Mounting position
Vdd/2
Vdd/2
Vdd/2
Vdd/2
Vdd/2
Vdd/2
Vdd/2
V
Sensitivity
@ room temperature
4 (5b
2 (5a
2 (5a
1.333 (5a
1.2 (5a
1.33 (5a
0.75 (5a
V/g
Zero Point error (6
-40..125 °C
±50
±50
±125
±125
±125
±125
±195
mg
Sensitivity error
-40..125 °C
±4 (8b
±4 (8a
±5 (8a
±5 (8a
±5 (8a
±5 (8a
±5 (8a
%
Sensitivity error (7
-25...85 °C
±2.5 (8b
±2.5 (8a
±3 (8a
±3 (8a
±3 (8a
±3 (8a
±3 (8a
%
Typical non-linearity (7
Over measuring range
±10 (9b, c
±10(9a, c
±20(9a
±20 (9a
±20(9a
±20(9a
±60(9a
mg
Cross-axis sensitivity (10
55
4
4
4
4
4
%
Frequency response
-3dB point (11
18
±10
18
±10
50
±30
50
±30
50
±30
400
±150
115
±55
Hz
Ratiometric error (12
Vdd = 4.75...5.25 V
2
2
2
2
2
2
2
%
VDD = 5.00 V, UNLESS OTHERWISE SPECIFIED
Note 1
The noise density of CAHH1G and CA1H1G is 30 µg/ Hz, the noise density of C23H1A and C28H1A
is 20 µg/ Hz.
Note 2
The measuring range is limited by sensitivity, offset and supply voltage rails of the device.
Note 3
Measuring direction parallel to the mounting plane.
Note 4
Vertical versions in +1 g position, i.e. arrow up: horizontal versions pins down (+0 g)
Note 5a
Sensitivity specified as [Vout (+1 g) - Vout(-1 g)] / 2 [V/g] .
Note 5b
Sensitivity specified as [Vout (+0.5 g) - Vout(-0.5 g)][V/g] .
Note 6
Zero point error specified as (Vout (+0 g) - Vdd/2) / Vsens [g] (room temp. error included);
Vsens = Nominal sensitivity.
Note 7
Typical tolerance, not 100 % tested.
Note 8a
Sensitivity error specified as {{[Vout (+1 g) -Vout (-1 g)] / 2} -Vsens} / Vsens x 100 % [%] (room
temp. error included); Vsens = Nominal sensitivity.
Note 8b
Sensitivity error specified as {{[Vout (+0.5 g) -Vout (-0.5 g)] / 2} -Vsens} / Vsens x 100 % [%]
(room temp. error included); Vsens = Nominal sensitivity.
Note 9a
Relative to straight line between
±1 g.
Note 9b
Relative to straight line between
±0.5 g.
Note 9c
In inclinometer applications a correction based on the angular error resulting from cross-axis
sensitivity around the inclination angle reduces non-linearity.
Note 10
The cross-axis sensitivity determines how much acceleration, perpendicular to the measuring
axis, couples to the output. The total cross-axis sensitivity is the geometric sum of the
sensitivities of the two axes, which are perpendicular to the measuring axis.
Note 11
The output has true DC (0 Hz) response.
Note 12
Supply voltage noise also couples to the output, due to the ratiometric (output proportional
to supply voltage) nature of the accelerometer.
Note 13
Self test not recommended.
The ratiometric error is specified as:


Similar Part No. - SCA610

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA-SCA610-E23H1A Datasheet
202Kb / 12P
SCA610-E23H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA610-E23H1A MURATA-SCA610-E23H1A Datasheet
177Kb / 2P
Accelerometers
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA1-SCA610-E23H1A Datasheet
145Kb / 2P
Accelerometers
02/15/2024
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
Accelerometers
More results

Similar Description - SCA610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
INCLINOMETER SERIES
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
Inclinometer
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
Inclinometer Subassembly
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
ADIS16210 AD-ADIS16210 Datasheet
761Kb / 20P
Precision Triaxial Inclinometer and Accelerometer with SPI
REV. A
logo
VTI technologies
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com