Electronic Components Datasheet Search
  English  ▼

X  

SCA1000 Datasheet(PDF) 3 Page - VTI technologies

Part # SCA1000
Description  Accelerometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA1000 Datasheet(HTML) 3 Page - VTI technologies

  SCA1000 Datasheet HTML 1Page - VTI technologies SCA1000 Datasheet HTML 2Page - VTI technologies SCA1000 Datasheet HTML 3Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VTI Technologies Oy
Myllynkivenkuja 6
P.O. Box 27
FI-01621 Vantaa
Finland
Tel. +358 9 879 181
Fax +358 9 879 18791
sales@vti.fi
VTI Technologies Oy
Frankfurt Branch
Rennbahnstr. 72-74
D-60528 Frankfurt am Main
Germany
Tel. +49 69 6786 880
Fax +49 69 6786 8829
sales.de@vti.fi
VTI Technologies, Inc.
One Park Lane Blvd.
Suite 804 - East Tower
Dearborn, MI 48126
USA
Tel. +1 313 425 0850
Fax +1 313 425 0860
sales@vtitechnologies.com
ELECTRICAL CONNECTION
RECOMMENDED CIRCUIT
Pin# Pin Name I/O
Connection
1
SCK
Input
Serial clock
2
NC
Factory only
3
MISO
Output
Master in slave out; data output
4
MOSI
Input
Master out slave in; data input
5
Out_2
Output
Channel 2 Output (Y-axis)
6
VSS
Power
Negative supply voltage (VSS)
7
CSB
Input
Chip select (active low)
8
NC
Factory only
9
ST_2
Input
Self test input for Channel 2
10
ST_1
Input
Self test input for Channel 1
11
Out_1
Output
Channel 1 output (X or Z-axis)
12
VDD
Power
Positive supply voltage (VDD)
Self test can be activated applying logic “1” (positive supply voltage level)
to ST pin (pin 9 and 10). If ST feature is not used pins 9 and 10 must be
left floating or connected to GND.
When SCA1000 / 1020 is used in Analog mode and the PCB is designed correctly the
SCA610 / 620 and SCA1000 / 1020 are interchangeable. If the PCB layout is designed
for SCA1000 /1020, then SCA610 / 620 can be used for single axis applications. The
output of SCA610 / 620 corresponds to the output of channel 1 in the SCA1000 / 1020.
INTERCHANGEABILITY WITH SCA610 / SCA620
SCA1000 and SCA1020 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com