Electronic Components Datasheet Search
  English  ▼

X  

SCA1000 Datasheet(PDF) 1 Page - VTI technologies

Part # SCA1000
Description  Accelerometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA1000 Datasheet(HTML) 1 Page - VTI technologies

  SCA1000 Datasheet HTML 1Page - VTI technologies SCA1000 Datasheet HTML 2Page - VTI technologies SCA1000 Datasheet HTML 3Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 18 Jan 2005
VTI Technologies reserves the right to modify this specification without prior to notice.
Vout(@Vx) x
RE = 100% x
Vout(@5V)
5.00
V
Vx
1-
SCA1000 and SCA1020 Series
Accelerometer
FEATURES
• 2-axis measurement: SCA1000 for X - Y measurement and
SCA1020 for Z - Y measurement
• Available range ±1.7 g
• Interchangeable with SCA610/SCA620 (see interchangeability
drawing below)
• Over damped sensing element to control frequency response
• SMD DIL-12 lead-free component
• Compatible with lead-free reflow soldering process
• Advanced internal and external connection failure detection
• Digitally activated electrostatic self-test
• Continuous memory parity check
• Single +5 V supply; two ratiometric analog voltage outputs
• Serial Peripheral Interface (SPI) compatible digital output (11 bits)
• Internal temperature sensor, accessible via SPI
BENEFITS
• Excellent reliability and stability over time and
temperature
• High resolution and low noise
• Wide operating temperature range
• Outstanding overload and shock durability
APPLICATIONS
• 2-axis acceleration measurements
• 2-axis platform leveling
• Inclination based position measurement
• 360 ° vertical orientation measurement
Note 1
100 nF supply by-pass capacitor is needed.
Note 2
Measuring directions in parallel to mounting plane, arrows showing positive acceleration
direction.
Note 3
Zero point specified as Voffset = Vout(0 g) [ V ]. See note 12.
Note 4
Sensitivity specified as Vsens = {Vout(+1 g) - Vout(-1 g)}/2 [ V/g ]. See note 12.
Note 5
Zero point error specified as Zero point error = {Vout(0 g) – Vdd/2} / Vsens [ g ] VSens =
Nominal sensitivity Vdd/2 = Nominal offset.
Note 6
Sensitivity error specified as Sensitivity error = { [Vout(+1 g)-Vout(-1 g)] / 2 - Vsens_nom} /
Vsens_nom x 100 % [% ] Vsens_nom = nominal sensitivity See note 12.
Note 7
From straight line through +1 g and -1 g points.
Note 8
The output has true DC (0 Hz) response.
Note 9
The ratiometric error is specified as:
Note 10
The cross-axis sensitivity determines how much acceleration, perpendicular to the measuring
axis, couples to the output. The total crossaxis sensitivity is the geometric sum of the
sensitivities of the two axis which are perpendicular to the measuring axis. The angular
alignment error between channels 1 and 2 is included into the cross axis error.
Note 11
Typical figure. In addition, supply voltage noise couples to the output due to the
ratiometric nature of the accelerometer.
Note 12
Measuring directions.
For customized product, please contact VTI Technologies
ELECTRICAL CHARACTERISTICS
Parameter
Condition
Min
Typ.
Max
Units
Supply voltage Vdd (1
4.75
5.0
5.25
V
Current consumption
Vdd = 5 V; No load
5
mA
Analog resistive output load
Vout to Vdd or Vss
10
kOhm
Analog capacitive output load
20
nF
Digital output load
@ 500 kHz
1
nF
SPI clock frequency
500
kHz
AD conversion time
150
µs
Data transfer time
@500 kHz clock
38
µs
PERFORMANCE CHARACTERISTICS
Parameter
Condition
SCA1000-D01 SCA1020-D02
Units
Measuring range (2
Nominal
±1.7
±1.7
g
Measuring direction relative to
mounting plane (12
See note 12.
“X”= parellel
“Y” =parallel
“Z”= perpendicular
“Y”= parallel
Zero point (3,12
Mounting position
Vdd/2
Vdd/2
V
Sensitivity (4,12
@ room temperature
1.2
1.2
V/g
Zero point error over temperature (5
-25…85 °C typical
±70
±70
mg
-40…125 °C
±100
±100
mg
Sensitivity error over temperature (6
-25…85 °C typical
±3
±3%
-40…125 °C
±4
±4%
Typical non-linearity (7
Over measuring range
±20
±20
mg
Cross-axis sensitivity (10
@ room temperature
3.5
3.5
%
Frequency response –3dB (8
@ -40…125 °C
50±30 Hz
50±30 Hz
Hz
Ratiometric error (9
Vdd = 4.75...5.25 V
2
2
%
Output noise density (11
From DC...100 Hz
80
80
µg/ Hz
Digital output resolution
FS
11
11
Bits
VDD = 5.00V, UNLESS OTHERWISE SPECIFIED
Preliminary


Similar Part No. - SCA1000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000 MURATA-SCA1000 Datasheet
523Kb / 14P
SCA1000-N1000070 2-AXIS HIGH PERFORMANCE ANALOG ACCELEROMETER
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
177Kb / 2P
Accelerometers
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA1-SCA1000-D01 Datasheet
150Kb / 2P
Accelerometers
02/15/2024
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01_17 Datasheet
177Kb / 2P
Accelerometers
More results

Similar Description - SCA1000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
logo
VTI technologies
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCA620 VTI-SCA620 Datasheet
160Kb / 2P
Accelerometer
logo
List of Unclassifed Man...
1017A ETC2-1017A Datasheet
52Kb / 2P
PIEZOELECTRIC ACCELEROMETER
1021A ETC2-1021A Datasheet
80Kb / 2P
PIEZOELECTRIC ACCELEROMETER
KX022-1020 ETC2-KX022-1020 Datasheet
2Mb / 75P
Accelerometer Specifications
KXCJK-1013 ETC2-KXCJK-1013 Datasheet
1,007Kb / 31P
Accelerometer Specifications
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
Axis Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com