Electronic Components Datasheet Search
  English  ▼

X  

TDA5636 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5636
Description  9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5636 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5636 Datasheet HTML 4Page - NXP Semiconductors TDA5636 Datasheet HTML 5Page - NXP Semiconductors TDA5636 Datasheet HTML 6Page - NXP Semiconductors TDA5636 Datasheet HTML 7Page - NXP Semiconductors TDA5636 Datasheet HTML 8Page - NXP Semiconductors TDA5636 Datasheet HTML 9Page - NXP Semiconductors TDA5636 Datasheet HTML 10Page - NXP Semiconductors TDA5636 Datasheet HTML 11Page - NXP Semiconductors TDA5636 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1996 Jun 10
8
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF mixers-
oscillators for TV and VCR 3-band tuners
TDA5636; TDA5637
CHARACTERISTICS
VP =9V; Tamb =25 °C; measured in circuit of Fig.17; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
8.1
9.0
9.9
V
IP
supply current
band A
−
45
50.5
mA
band B
−
41
46
mA
band C
−
44
49
mA
VSW
switching voltage
band A
0
−
1.1
V
band B
1.6
−
2.4
V
band C
3.0
−
VP
V
ISW
switching current
band A
−−
2
µA
band B
−−
5
µA
band C; VSW(C) =5V
−−
10
µA
Band A mixer (including IF amplifier)
fRF
frequency range
note 1
45
−
180
MHz
Gv
voltage gain
RL =75 Ω; fRF = 50 MHz; see Fig.4
17.5
20.0
22.5
dB
RL =75 Ω; fRF = 180 MHz; see Fig.4
17.5
20.0
22.5
dB
NF
noise figure
RL =75 Ω; fRF = 50 MHz;
see Figs 5 and 6.
−
7.5
9.5
dB
RL =75 Ω; fRF = 180 MHz;
see Figs 5 and 6.
−
7.5
9.5
dB
Vo
output voltage
1% cross-modulation in channel;
RL =75 Ω; fRF = 50 MHz; see Fig.7
107
110
−
dB
µV
1% cross-modulation in channel;
RL =75 Ω; fRF = 180 MHz; see Fig.7
107
110
−
dB
µV
Vi
input voltage
10 kHz pulling in channel;
fRF = 180 MHz; note 6
−
100
−
dB
µV
gos
optimum source
conductance
fRF = 50 MHz
−
0.5
−
mS
fRF = 180 MHz
−
1
−
mS
Yi
input admittance
see Fig.12
−−−
mS
Ci
input capacitance
fRF = 50 to 180 MHz; see Fig.12
−
2
−
pF
Band A oscillator
fOSC
frequency range
note 2
80
−
216
MHz
fshift
frequency shift
∆Vp = 10%; note 3
−−
200
kHz
fdrift
frequency drift
∆T=25 °C with no compensation;
NP0 capacitors; note 4
−−
600
kHz
5 s to 15 min after switching on; note 5
−−
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com