Electronic Components Datasheet Search
  English  ▼

X  

TDA5636 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA5636
Description  9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5636 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA5636 Datasheet HTML 17Page - NXP Semiconductors TDA5636 Datasheet HTML 18Page - NXP Semiconductors TDA5636 Datasheet HTML 19Page - NXP Semiconductors TDA5636 Datasheet HTML 20Page - NXP Semiconductors TDA5636 Datasheet HTML 21Page - NXP Semiconductors TDA5636 Datasheet HTML 22Page - NXP Semiconductors TDA5636 Datasheet HTML 23Page - NXP Semiconductors TDA5636 Datasheet HTML 24Page - NXP Semiconductors TDA5636 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1996 Jun 10
21
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF mixers-
oscillators for TV and VCR 3-band tuners
TDA5636; TDA5637
GND1
10
15
0
0
0
GND2
16
9
0
0
0
LOOUT1
11
14
5.6
5.6
5.6
LOOUT2
12
13
5.6
5.6
5.6
IFOUT
13
12
4.4
4.4
4.4
IFGND
14
11
0.0
0.0
0.0
BS
15
10
VSW(A)
VSW(B)
VSW(C)
SYMBOL
PIN
DESCRIPTION
AVERAGE DC VOLTAGE(1) IN (V)
TDA5636B TDA5637B
BAND A
BAND B
BAND C
10
MLD106
16
(15)
(9)
11
MLD110
12
(14)
(13)
halfpage
13
MGD570
(12)
alfpage
14
MBH476
(11)
15
MLD105
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com