Electronic Components Datasheet Search
  English  ▼

X  

UM9601 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # UM9601
Description  FOR MICROSTRIP 900 MHz ANTENNNA SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9601 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button UM9601 Datasheet HTML 5Page - Microsemi Corporation UM9601 Datasheet HTML 6Page - Microsemi Corporation UM9601 Datasheet HTML 7Page - Microsemi Corporation UM9601 Datasheet HTML 8Page - Microsemi Corporation UM9601 Datasheet HTML 9Page - Microsemi Corporation UM9601 Datasheet HTML 10Page - Microsemi Corporation UM9601 Datasheet HTML 11Page - Microsemi Corporation UM9601 Datasheet HTML 12Page - Microsemi Corporation UM9601 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Microsemi
Page 9
Copyright
 2005
Rev. 0, 2006-01-17
UM9601 – UM9608
FOR MICROSTRIP 900 MHz ANTENNNA SWITCHES
CO S
OS
AND MICROWAVE APPLICATIONS
Microwave Characterization
The UM9601-UM9608 series has been designed and
characterized as shunt switch elements at frequencies to 4 GHz
in microstrip circuits. Performance curves are given which
demonstrate switch performance in 0.025” (.635mm) alumina
microstrip.
The performance data were derived by evaluating externally
biased microstrip circuits in which a UM9601 diode was
installed. Each circuit consisted of a 1 inch length of 50 Ohm
nominal impedance 0.025” (.635mm) thick alumina microstrip
and two SMA connectors. The data shown include the board
and connector loss. Measurements performed using 00.050”
(1.27mm) alumina substrates show similar performance at
frequencies to1.5 GHz
These circuits simulate SPST switches. Many designs
require multi-throw switches. It is important to recognize that a
multi-throw switch will have 6dB higher isolation than
indicated for SPST switches. Also, a multi-throw switch using
shunt mounted PIN diodes require the diodes be placed a
quarter-wavelength from the common port.
A further improvement in switch performance may be
achieved by using 2 shunt PIN diodes in each arm spaced a
quarter-wavelength from each other. In this case the isolation of
each section will be twice the dB value of the switch. The
insertion loss due to the diodes should be less than twice the
insertion loss of an SPST section due to the transforming effect
of the quarter-wave line on the capacitance of a single diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com