Electronic Components Datasheet Search
  English  ▼

X  

UM9601 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM9601
Description  FOR MICROSTRIP 900 MHz ANTENNNA SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9601 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM9601 Datasheet HTML 1Page - Microsemi Corporation UM9601 Datasheet HTML 2Page - Microsemi Corporation UM9601 Datasheet HTML 3Page - Microsemi Corporation UM9601 Datasheet HTML 4Page - Microsemi Corporation UM9601 Datasheet HTML 5Page - Microsemi Corporation UM9601 Datasheet HTML 6Page - Microsemi Corporation UM9601 Datasheet HTML 7Page - Microsemi Corporation UM9601 Datasheet HTML 8Page - Microsemi Corporation UM9601 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Microsemi
Page 2
Copyright
 2005
Rev. 0, 2006-01-17
UM9601 – UM9608
FOR MICROSTRIP 900 MHz ANTENNNA SWITCHES
CO S
OS
AND MICROWAVE APPLICATIONS
Maximum Ratings
UM9601-UM9604
UM9605-UM9608
PD
θ
PD
θ
Flange @ 25 oC
7.5 W
20 oC/W
4 W
37.5 oC/W
Free Air
1.5 W
0.5 W
Peak Power
1 µs Single Pulse
at 25 oC Ambient
25 kW
10 kW
Operating and
Storage Temperature
-65 oC to +175 oC
Reverse Voltage Ratings @ 10 µA
100 V
400 V
UM9601
UM9602
UM9603
UM9604
UM9605
UM9606
UM9607
UM9608
Electrical Specifications (at 25 oC)
UM9601-UM9604
UM9605-UM9608
Test
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Condition
Series
Resistance
Rs
0.4
0.6
1.5
1.7
Ω
IF = 100 mA
F = 100 MHz
Parallel
Resistance
Rp
100k
150k
Ω
Vr = 100 V
F = 100 MHz
Total
Capacitance
CT
1.2
0.5
pF
Vr = 100 V
F = 1 MHz
Carrier
Lifetime
τ
2.0
1.0
µs
If = 10 mA
Forward
Voltage
VF
0.85
0.95
V
IF = 100 mA
I-Region
Width
W
80
150
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com