Electronic Components Datasheet Search
  English  ▼

X  

TDA5737 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5737
Description  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5737 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5737 Datasheet HTML 4Page - NXP Semiconductors TDA5737 Datasheet HTML 5Page - NXP Semiconductors TDA5737 Datasheet HTML 6Page - NXP Semiconductors TDA5737 Datasheet HTML 7Page - NXP Semiconductors TDA5737 Datasheet HTML 8Page - NXP Semiconductors TDA5737 Datasheet HTML 9Page - NXP Semiconductors TDA5737 Datasheet HTML 10Page - NXP Semiconductors TDA5737 Datasheet HTML 11Page - NXP Semiconductors TDA5737 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1997 Feb 24
8
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
Band B mixer (including IF amplifier)
fRF
frequency range
note 2
166
−
451
MHz
Gv
voltage gain
fRF = 170 MHz; see Fig.9; note 3
31
34
37
dB
fRF = 450 MHz; see Fig.9; note 3
31
34
37
dB
N
noise figure
(not corrected for image)
fRF = 170 MHz; see Fig.10
−
810
dB
fRF = 450 MHz; see Fig.10
−
810
dB
Vo
output voltage level causing
1% cross modulation in
channel
fRF = 170 MHz; see Fig.7
114
117
−
dB
µV
fRF = 450 MHz; see Fig.7
112
115
−
dB
µV
Vi
input voltage level causing
10 kHz pulling in channel
fRF = 450 MHz; note 4
83
87
−
dB
µV
Zi
input impedance (Rs +jLsω)fRF = 170 to 450 MHz; see Fig.13
−
23
−Ω
fRF = 170 to 450 MHz; see Fig.13
−
9
−
nH
Band B oscillator
fosc
frequency range
0.45 V < Vt < 28 V; notes 1 and 5
205
−
490
MHz
fshift
frequency shift
∆Vp = 5%; note 6
−−
53
kHz
fdrift
frequency drift with no
compensation
∆T=25 °C; NP0 capacitors; note 7 −−
2000
kHz
5 s to 15 mins after switch on; NP0
capacitors; note 8
−−
750
kHz
frequency drift with
compensation
∆T=25 °C; notes 7 and 9;
see Fig.18
−−
750
kHz
5 s to 15 mins after switch on;
notes 8 and 9; see Fig.18
−−
300
kHz
Vripple
ripple susceptibility of supply
voltage (peak-to-peak value)
fosc = 250 MHz;
4.75 V < VP < 5.25 V; see Fig.8
20
−−
mV
fosc = 490 MHz;
4.75 V < VP < 5.25 V; see Fig.8
20
−−
mV
ΦN
phase noise
measured at the IF output at 10 kHz
offset; Vo = 105 dBmV
81
−−
dBc/Hz
Band C Mixer (including IF amplifier)
fRF
frequency range
note 2
446
−
861
MHz
Gv
voltage gain
fRF = 450 MHz; see Fig.9; note 3
31
34
37
dB
fRF = 860 MHz; see Fig.9; note 3
31
34
37
dB
N
noise figure
(not corrected for image)
fRF = 450 MHz; see Fig.10
−
911
dB
fRF = 860 MHz; see Fig.10
−
911
dB
Vo
output voltage level causing
1% cross modulation in
channel
fRF = 450 MHz; see Fig.7
112
115
−
dB
µV
fRF = 860 MHz; see Fig.7
112
115
−
dB
µV
Vi
input voltage level causing
10 kHz pulling in channel
fRF = 860 MHz; note 4
91
95
−
dB
µV
ZI
input impedance (Rs +jLsω)fRF = 450 to 860 MHz; see Fig.14
−
28
−Ω
fRF = 450 to 860 MHz; see Fig.14
−
10
−
nH
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com