Electronic Components Datasheet Search
  English  ▼

X  

TDA5737 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5737
Description  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5737 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5737 Datasheet HTML 14Page - NXP Semiconductors TDA5737 Datasheet HTML 15Page - NXP Semiconductors TDA5737 Datasheet HTML 16Page - NXP Semiconductors TDA5737 Datasheet HTML 17Page - NXP Semiconductors TDA5737 Datasheet HTML 18Page - NXP Semiconductors TDA5737 Datasheet HTML 19Page - NXP Semiconductors TDA5737 Datasheet HTML 20Page - NXP Semiconductors TDA5737 Datasheet HTML 21Page - NXP Semiconductors TDA5737 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1997 Feb 24
18
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
Table 1
Capacitors of Fig.17
(all SMD and NP0 except C34 and C35)
NUMBER
VALUE
C1
82 pF
C2
5.6 pF
C3
100 pF
C4
82 pF
C5
1 pF
C6
2 pF
C7
2 pF
C8
2 pF
C9
2 pF
C10
1 pF
C11
3.3 pF
C12
3.3 pF
C13
4.7 pF
C14
1 nF
C15
1 nF
C16
39 pF
C17
39 pF
C18
68 pF
C19
68 pF
C20
1 nF
C21
1 nF
C22
1 nF
C23
1 nF
C24
1 nF
C25
2.2 nF
C26
1 nF
C27
1 nF
C28
1 nF
C29
1 nF
C30
1 nF
C31
1 nF
C32
1 nF
C33
1 nF
C34
2.2
µF, 40 V electrolytic
C35
4.7 nF
Table 2
Resistors of Fig.17 (all SMD)
Table 3
Diodes, coils and transformers of Fig.17
Notes
1. Wire size for L1 to L6 is 0.4 mm.
2. Coil type: TOKO 7kL.
NUMBER
VALUE
R1
47 k
Ω
R2
22 k
Ω
R3
22 k
Ω
R5
27 k
Ω
R6
27 k
Ω
R7
10 k
Ω
R8
50
Ω
R9
4.7
Ω
R10
100
Ω
R11
27 k
Ω
R12
15 k
Ω
NUMBER
VALUE
Diodes
D1
BB132
D2
BB134
D3
BB133
Coils(1)
L1
7.5 t (
∅ 3 mm)
L2
2.5 t (
∅ 3.5 mm)
L3
1.5 t (
∅ 2.5 mm)
L4
2.5 t (
∅ 3 mm)
L5
5.5 t (
∅ 2.5 mm)
L6
5.5 t (
∅ 2.5 mm)
L9
12.5 t (
∅ 5 mm)
L10
2.2
µH (choke coil)
Transformers(2)
L7
2
× 5t
L8
2 t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com