Electronic Components Datasheet Search
  English  ▼

X  

SIP5678 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP5678
Description  15-Line SCSI Bus Terminators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5678 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP5678 Datasheet HTML 1Page - Vishay Siliconix SIP5678 Datasheet HTML 2Page - Vishay Siliconix SIP5678 Datasheet HTML 3Page - Vishay Siliconix SIP5678 Datasheet HTML 4Page - Vishay Siliconix SIP5678 Datasheet HTML 5Page - Vishay Siliconix SIP5678 Datasheet HTML 6Page - Vishay Siliconix SIP5678 Datasheet HTML 7Page - Vishay Siliconix SIP5678 Datasheet HTML 8Page - Vishay Siliconix SIP5678 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SiP5678
Vishay Siliconix
New Product
Document Number: 73100
S-41843—Rev. A, 11-Oct-04
www.vishay.com
1
15-Line SCSI Bus Terminators
FEATURES
D Auto Selection of S/E or LVD SCSI Termination
D 2.7-V to 5.25-V TERMPWR Range
D Meets SCSI-1, SCSI-2, SPI-2 (ULTRA-2), SPI-3
(ULTRA-160) and SPI-4 (ULTRA-320) Standards
D Integrated SPI-3 Mode Change Delay Filter
D Differential Failsafe Bias
D Thermal Package
D On-Chip Thermal Shutdown Circuit
D Active Negation
D Hot Swap Compatible
D Pin Compatible with UCC5638
D Lead (Pb)-Free SQFP-48 Package
APPLICATIONS
D Disk Array (RAID)
D Storage Area Networks (SAN)
D Network Attached Storage (NAS)
D SCSI Cable
D Server and Workstation
D Industrial Computers
D High-End Personal Computers
DESCRIPTION
The SiP5678 provides active bus termination suitable for all
SCSI bus operational modes from SCSI-1 through SPI-4 (Ultra
SCSI 320). The termination includes impedance matching of
the Ultra SCSI bus to minimize signal reflections from the end
of the bus, as well as required SCSI bus biasing for either S/E
(single ended) or LVD (low voltage differential) operation.
The SiP5678 has fifteen (15) output channels (T1−T15). Each
output channel provides termination for one SCSI data signal,
parity signal or control signal. Two SiP5678 ICs provide
complete termination for a wide SCSI bus.
An integrated mode change delay filter in the SiP5678
eliminates the need for a bulky 4.7-mF low pass filter capacitor
to be compliant with SPI-3 mode change timing requirements.
The SiP5678 senses the operational state of the SCSI bus via
the DIFFSENS bus signal, and automatically switches to S/E
or LVD operation as required. It cannot be used on an HPD
(high power differential) SCSI bus, and goes into high
impedance mode when the voltage on the DIFFSENS line
indicates HPD operation. The SiP5678 also presents high
impedance to the SCSI bus if the DISABLE pin is asserted, or
if TERMPWR is removed from the IC.
The SiP5678 is available in a lead (Pb)-free SQFP-48
package for operation over the temperature range of 0 to
70 _C.
FUNCTIONAL BLOCK DIAGRAM
See Functional Diagrams
(Page 6) for detailed
descriptions of SCSI Terminator
Impedance Circuits in LVD and
S/E modes of operation.
36
34
3
Heat Sink GND Pins
GND
REG
1.3 V
4
9
33
28
10
27
Current Limited
Source/Sink
Regulator
Comparators
and
Delay Filter
V t 0.5 = S/E
0.7 t V t1.9 = LVD
V u 2.4 = HPD
TERMPWR
35
2
1
48
47
Current Limited
Source/Sink
Regulator
Mode Control And
Enable/Disable
Circuitry
SCSI
Terminator
Impedance
Circuits
10 mA
MODE
DISABLE
DIFFS
T1N
T1P
T15P
T15N


Similar Part No. - SIP5678

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5630 VISHAY-SIP5630 Datasheet
86Kb / 10P
9-Line SCSI Bus Terminators
SIP5630CG-T1-E3 VISHAY-SIP5630CG-T1-E3 Datasheet
86Kb / 10P
9-Line SCSI Bus Terminators
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5668CS VISHAY-SIP5668CS Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5668CS-TR-E3 VISHAY-SIP5668CS-TR-E3 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
More results

Similar Description - SIP5678

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
Multimode SCSI 15 Line Terminator
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
Multimode SCSI 15 Line Terminator with Reverse Disconnect
logo
Vishay Siliconix
73007 VISHAY-73007 Datasheet
86Kb / 10P
9-Line SCSI Bus Terminators
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
Enhanced SCSI Bus Controller
LSI53C141 ETC2-LSI53C141 Datasheet
243Kb / 4P
SCSI LVD BUS EXPANDER
logo
Vishay Siliconix
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
Multimode SCSI 15 Line Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com