Electronic Components Datasheet Search
  English  ▼

X  

SIP5678 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP5678
Description  15-Line SCSI Bus Terminators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5678 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP5678 Datasheet HTML 1Page - Vishay Siliconix SIP5678 Datasheet HTML 2Page - Vishay Siliconix SIP5678 Datasheet HTML 3Page - Vishay Siliconix SIP5678 Datasheet HTML 4Page - Vishay Siliconix SIP5678 Datasheet HTML 5Page - Vishay Siliconix SIP5678 Datasheet HTML 6Page - Vishay Siliconix SIP5678 Datasheet HTML 7Page - Vishay Siliconix SIP5678 Datasheet HTML 8Page - Vishay Siliconix SIP5678 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SiP5678
Vishay Siliconix
New Product
Document Number: 73100
S-41843—Rev. A, 11-Oct-04
www.vishay.com
3
ABSOLUTE MAXIMUM RATINGS (ALL VOLTAGES REFERENCED TO GND = 0 V)
TERMPWR
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TXN, TXP
−0.3 to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE, DISABLE, M/S, STATUS
−0.3 to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125 _C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
150 _C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE (ALL VOLTAGES REFERENCED TO GND = 0 V)
TERMPWR
2.7 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range (TA))
0 to 70 _C
. . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
TERMPWR = 2.7 to 5.25 V, DISABLE = 0 V
TA = TJ = 0 to 70 _C
Mina
Typb
Maxa
Unit
SCSI Channels (T1 to T15), LVD Operation
Differential Impedance
ZDIFF
100
105
110
W
Common Mode Impedance
ZCM
MODE = 1 3 V
120
140
160
W
Differential Failsafe Bias
VDIFF
MODE = 1.3 V
100
112
125
mV
Common Mode Bias
VCM
1.15
1.25
1.35
V
SCSI Channels (T1 to T15), S/E Operation
Impedance
ZS/E
MODE = 0 V
100
108
116
W
Bias Voltage
VS/E
MODE = 0 V
2.5
2.7
3.0
V
Output Current
IS/E
MODE = 0 V
Channel Voltage = 0.2 V
−25.4
−23
−20.5
mA
Output Current
IS/E
MODE = 0 V
Channel Voltage = 0.5 V
−22.4
mA
GND Driver Impedance
ZGS
MODE = 0 V, ITEST = 10 mA
30
60
W
SCSI Channels (T1 to T15), Termination Disabled
Channel Leakagec
IL
Channel Voltage = 0 to 5 V
−500
0
500
nA
Channel Capacitancec, d
CT
Referenced to GND
3
pF
SCSI Regulator, LVD Mode
Output Voltage
VREG(LVD)
0.5 V v VCM v 2.0 Ve
1.15
1.25
1.35
V
Source Current
ISO(LVD)
VREG = 0 V
−1000
−600
−400
mA
Sink Current
ISI(LVD)
VREG = 4 V
200
400
700
mA
SCSI Regulator, S/E Mode
Output Voltage
VREG(S/E)
0.2 V v VCM v 4.0 Vf
2.5
2.7
3.0
V
Source Current
ISO(S/E)
VREG = 0 V
−1000
−600
−400
mA
Sink Current
ISI(S/E)
VREG = 4 V
200
400
700
mA
DIFFSENS Regulator
Output Voltage
VDIFFS
−5 mA v IDIFFS v 50 mA
1.2
1.3
1.4
V
Source Current
ISO(DIFFS)
VDIFFS = 0 V
−15
−8
−5
mA
Sink Current
ISI(DIFFS)
VDIFFS = 2.75 V
50
100
200
mA
DISABLE Input
Input Threshold
VTH(DIS)
0.8
1.0
1.2
V
Input Current
IIN(DIS)
0 V v VDISABLE v 1.2 V
−30
−10
−3
mA
Input Current
IIN(DIS)
VDISABLE u 1.2 V
−30
0
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com