Electronic Components Datasheet Search
  English  ▼

X  

APW7159C Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7159C
Description  Dual Channel Synchronous Buck PWM Controller for SMPS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7159C Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7159C Datasheet HTML 1Page - Anpec Electronics Coropration APW7159C Datasheet HTML 2Page - Anpec Electronics Coropration APW7159C Datasheet HTML 3Page - Anpec Electronics Coropration APW7159C Datasheet HTML 4Page - Anpec Electronics Coropration APW7159C Datasheet HTML 5Page - Anpec Electronics Coropration APW7159C Datasheet HTML 6Page - Anpec Electronics Coropration APW7159C Datasheet HTML 7Page - Anpec Electronics Coropration APW7159C Datasheet HTML 8Page - Anpec Electronics Coropration APW7159C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2019
APW7159C
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Dual Channel Synchronous Buck PWM Controller for SMPS
Features
•
Single 12V Power Supply Required
•
Excellent Output Voltage Regulation
- 1.0V
±0.8% Internal Reference Over Line and
Temperature
•
Simple Single Loop Control Design
- Voltage Mode PWM Control
•
0~100% Duty Ratio
•
Programmable Frequency Range from 50kHz to
400kHz (Constant 50kHz when Floating)
•
Integrated Soft-Start and Soft-Off (Patent Pending)
•
Support Pre-Biased Power-On
•
Both Channel with 180o Phase Shift
•
Integrated Boot-Strap Diode
•
Over-Current Protection
- Sense High Side MOSFET
’s R
DS(ON)
•
120% Over-Voltage Protection
•
50% Under-Voltage Protection
•
Over-Temperature Protection
•
Available in SOP-20, TSSOP-20 and TSSOP-20P
Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
•
SMPS
Simplified Application Circuit
S
The APW7159C is a dual channel voltage mode and syn-
chronous PWM controller which drives dual N-channel
MOSFETs. The two channels are operated with 180 de-
gree phase shift.
The device integrates all of the control, monitoring, and
protecting functions into a single package; provides two
controlled power output with over-voltage, over-
temperature, and over-current protections.
The APW7159C provides excellent regulation for output
load variation. The internal 1.0V temperature-compen-
sated reference voltage provides high accuracy of 0.8%
over line and temperature. The device includes a 50kHz
free-running triangle-wave oscillator that is adjustable
from 50kHz to 400kHz.
The APW7159C has been equipped with excellent pro-
tection functions: POR, OCP, UVP, and OVP protections.
The Power-On-Reset (POR) circuit can monitor the VCC
and OCSET voltage to make sure the supply voltage ex-
ceeds their threshold voltage while the controller is
running. The Over-Current Protection (OCP) monitors the
output current by using the voltage drop across the high
side MOSFET
’s R
DS(ON). W hen the output current reaches
the trip point, the controller will be latched. Under-Voltage
Protection(UVP) and Over-Voltage Protection (OVP) moni-
tor the FB voltage to protect APW7159C from burnout
when output voltage is under 50% or over 120% of nor-
mal output voltage. The APW7159C is available in SOP-
20, TSSOP-20 and TSSOP-20P packages.
PWM
Controller
1
PWM
Controller
2
APW7159C
VOUT2
VIN
VOUT1
Phase Shift


Similar Part No. - APW7159C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153A ANPEC-APW7153A Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153AKAI-TRG ANPEC-APW7153AKAI-TRG Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153AQBI-TRG ANPEC-APW7153AQBI-TRG Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153B ANPEC-APW7153B Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
More results

Similar Description - APW7159C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com