Electronic Components Datasheet Search
  English  ▼

X  

APW7159C Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7159C
Description  Dual Channel Synchronous Buck PWM Controller for SMPS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7159C Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7159C Datasheet HTML 1Page - Anpec Electronics Coropration APW7159C Datasheet HTML 2Page - Anpec Electronics Coropration APW7159C Datasheet HTML 3Page - Anpec Electronics Coropration APW7159C Datasheet HTML 4Page - Anpec Electronics Coropration APW7159C Datasheet HTML 5Page - Anpec Electronics Coropration APW7159C Datasheet HTML 6Page - Anpec Electronics Coropration APW7159C Datasheet HTML 7Page - Anpec Electronics Coropration APW7159C Datasheet HTML 8Page - Anpec Electronics Coropration APW7159C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2019
APW7159C
www.anpec.com.tw
3
Absolute Maximum Ratings (Cont.) (Note 1)
S ymbol
Pa ra mete r
Rating
Unit
VVCC
In put B ias S uppl y Voltage (VCC to GND)
-0 .3 ~ 1 6
V
VBOOT1/2
BOO T1/ BO OT2 to PHAS E1/PHAS E2 Voltage
-0 .3 ~ 1 6
V
<400 ns p ulse width
-5 ~ V BOOT1/2+5
V
UG ATE 1/UG ATE2 to PHASE 1/PHASE 2
>400 ns p ulse width
-0 .3 ~ V
BOOT1 /2 +0. 3
V
<400 ns p ulse width
-5 ~ VVCC+0.3
V
LGATE1/LGATE2 to P GND Vol tage
>400 ns p ulse width
-0.3 ~ VVCC+0.3
V
<400 ns p ulse width
-1 0 ~ 30
V
PHASE 1/PHASE 2 to PG ND Voltage
>400 ns p ulse width
-0.3 ~ 16
V
RT, S S, COMP 1, COMP2 , FB1, FB 2 to GND Vo ltag e
-0.3 ~ 7
V
OCSE T1, OCSET2 to GND
-0.3 ~ V
VCC +0.3
V
PGND to G ND Volta ge
-0.3 ~ 0.3
V
P D
Power Dissipation
TA=25
oC
SOP -20
TS SOP -20P
TS SOP -20
1
2 .2
1 .1
W
Ma xim um Junction Tempera tu re
15 0
o
C
TSTG
Sto rage Tempera tu re
-65 ~ 1 50
o C
TSDR
Ma xim um Le ad So lderin g Tempe rature, 10 Secon ds
26 0
o C
Note 1 : Absol ute Maximum Ratings are those va lues beyond which the life of a de vice may be impaired . Exposur e to ab so lute
ma ximum rating con diti ons for extende d period s may affect de vi ce reli ability.
Thermal Characteristics
S ymbol
Pa ram ete r
Typica l Value
Unit
θJA
Ju nctio n-to-Ambi ent The rmal Re sistance in Free A ir
(N ote 2)
SOP -20
TSS OP-2 0P
TS SOP -20
10 0
45
92
°C/W
θJC
Ju nctio n-to-Case Th ermal Resistance
SOP -20
TS SOP -20P
TS SOP -20
12
4
20
°C/W
Note 2:
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VVCC
Input Bias Supply Voltage (VCC to GND)
10 ~ 13.2
V
VIN1/VIN2
Converter Input Voltage
2 ~ 13.2
V
VOUT1/VOUT2
Converter Output Voltage
1 ~ VIN1/VIN2
V
IOUT1/IOUT2
Converter Output Current
0 ~ 30
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Note 3 : Refer to the typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com