Electronic Components Datasheet Search
  English  ▼

X  

1620408 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1620408
Description  K-5E-M23 M9/010-C03/M23 F8 - Connector in molded plastic on both sides
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620408 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1620408 Datasheet HTML 1Page - PHOENIX CONTACT 1620408 Datasheet HTML 2Page - PHOENIX CONTACT 1620408 Datasheet HTML 3Page - PHOENIX CONTACT 1620408 Datasheet HTML 4Page - PHOENIX CONTACT 1620408 Datasheet HTML 5Page - PHOENIX CONTACT 1620408 Datasheet HTML 6Page - PHOENIX CONTACT 1620408 Datasheet HTML 7Page - PHOENIX CONTACT 1620408 Datasheet HTML 8Page - PHOENIX CONTACT 1620408 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Connector specifications (second page)
Type
Straight, plastic molded
Housing material
Zinc die-cast
Thread type
M23
Degree of protection
IP67, when in locked state
No. of pos.
5+PE
Direction of rotation
Standard
Contact switching type
Pin
Insertion/withdrawal cycles
50
Contact resistance
< 0.3 mΩ
Max. current
30 A
Voltage
630 V
Overvoltage category
III
Degree of pollution
3
Rated surge voltage
6 kV
Ambient temperature (operation)
-40 °C ... 105 °C
Cable/line
Cable length
10 m
K-5E-M23 M9/010-C03/M23 F8 - Connector in molded
plastic on both sides
1620408
https://www.phoenixcontact.com/us/products/1620408
Jul 26, 2024, 5:23 AM
Page 4 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com