Electronic Components Datasheet Search
  English  ▼

X  

1620408 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1620408
Description  K-5E-M23 M9/010-C03/M23 F8 - Connector in molded plastic on both sides
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620408 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1620408 Datasheet HTML 1Page - PHOENIX CONTACT 1620408 Datasheet HTML 2Page - PHOENIX CONTACT 1620408 Datasheet HTML 3Page - PHOENIX CONTACT 1620408 Datasheet HTML 4Page - PHOENIX CONTACT 1620408 Datasheet HTML 5Page - PHOENIX CONTACT 1620408 Datasheet HTML 6Page - PHOENIX CONTACT 1620408 Datasheet HTML 7Page - PHOENIX CONTACT 1620408 Datasheet HTML 8Page - PHOENIX CONTACT 1620408 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Connector in molded plastic on both sides, series: KSF, M23-Socket, Straight, plastic molded,
number of positions: 5+PE, type of locking: Screw locking mechanism, on M23-Pin, Straight,
plastic molded, number of positions: 5+PE, cable length: 10 m, shielded: yes, color of outer
sheath: orange RAL 2003, Alternative product in accordance with RoHS II without Exemption 6c
(Pb < 0.1 %) item no.: 1244209
Your advantages
Our standard: robust halogen-free PUR cable
•
Simple and safe: 100% electrically tested and assembled ready for use
•
Designs with preassembled cables on one or both sides
•
High flexibility: customer-specific assemblies and cable lengths can be supplied
•
Commercial data
Item number
1620408
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
AB34
Product key
ABRDEG
Catalog page
Page 221 (C-2-2019)
GTIN
4046356831710
Weight per piece (including packing)
2,812 g
Weight per piece (excluding packing)
2,812 g
Customs tariff number
85444290
Country of origin
DE
K-5E-M23 M9/010-C03/M23 F8 - Connector in molded
plastic on both sides
1620408
https://www.phoenixcontact.com/us/products/1620408
Jul 26, 2024, 5:23 AM
Page 1 (13)


Similar Part No. - 1620408

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1620400000 WEIDMULLER-1620400000 Datasheet
276Kb / 7P
BL 3.50/20/180 SN BK BX
1620400000 WEIDMULLER-1620400000 Datasheet
96Kb / 5P
BL 3.5/23 SN SW
logo
PHOENIX CONTACT
1620401 PHOENIX-1620401 Datasheet
545Kb / 12P
K-7E - OE/010-D02/M23 F8 - Cable plug in molded plastic
1620402 PHOENIX-1620402 Datasheet
547Kb / 13P
K-7E - OE/2,0-D03/M23 F8 - Cable plug in molded plastic
1620404 PHOENIX-1620404 Datasheet
547Kb / 13P
K-7E - OE/5,0-D03/M23 F8 - Cable plug in molded plastic
More results

Similar Description - 1620408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
Naturally tacky on both sides
logo
PHOENIX CONTACT
1622244 PHOENIX-1622244 Datasheet
165Kb / 6P
Connector in molded plastic on both sides
1622245 PHOENIX-1622245 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622246 PHOENIX-1622246 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622247 PHOENIX-1622247 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1622248 PHOENIX-1622248 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1622249 PHOENIX-1622249 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1619277 PHOENIX-1619277 Datasheet
148Kb / 7P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M23 F8
09/11/2020
1620426 PHOENIX-1620426 Datasheet
135Kb / 9P
Cable plug in molded plastic - K-7E - OE/010-D03/M23 FK
09/11/2020
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com