Electronic Components Datasheet Search
  English  ▼

X  

TDA6402 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA6402 Datasheet HTML 1Page - NXP Semiconductors TDA6402 Datasheet HTML 2Page - NXP Semiconductors TDA6402 Datasheet HTML 3Page - NXP Semiconductors TDA6402 Datasheet HTML 4Page - NXP Semiconductors TDA6402 Datasheet HTML 5Page - NXP Semiconductors TDA6402 Datasheet HTML 6Page - NXP Semiconductors TDA6402 Datasheet HTML 7Page - NXP Semiconductors TDA6402 Datasheet HTML 8Page - NXP Semiconductors TDA6402 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2000 Jan 24
5
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
BLOCK DIAGRAM
Fig.1 Block diagram.
The pin numbers in parenthesis represent the TDA6403 and TDA6403A.
handbook, full pagewidth
MGE692
PRESCALER
DIVIDE BY
512, 640, 1024
XTAL
OSCILLATOR
4 MHz
15-BIT
PROGRAMMABLE
DIVIDER
15-BIT
FREQUENCY
REGISTER
PRESCALER
DIVIDE BY 8
POWER-DOWN
DETECTOR
PHASE
COMPARATOR
IN LOCK
DETECTOR
CHARGE
PUMP
OPAMP
FL
T0, T1, T2
CP
OS
CP
T2
T1
T0 RSA RSB OS
CONTROL
REGISTER
FL
I2C / 3-WIRE BUS TRANSCEIVER
3-BIT A/D
CONVERTER
PORT
REGISTER
UHF
VHFH VHFL FMST
FL
fREF
fREF
1/2fDIV
fDIV
GATE
RF INPUT
VHF
VHF
MIXER
VHF
OSCILLATOR
RF INPUT
UHF
UHF
MIXER
UHF
OSCILLATOR
IF
PREAMPLIFIER
BS
BS
BS
BS
BS
BS
BS
T0, T1, T2
RSA
RSB
VHFIN
RFGND
UHFIN1
UHFIN2
XTAL
CL
DA
SW
CE/AS
IFFIL1 IFFIL2
VCC
VHFOSCOC
VHFOSCIB
OSCGND
IFOUT
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
UHFOSCIB1
CP
VT
GND
FMST
PVHFL
PVHFH
PUHF
LOCK/ADC
3 (26)
4 (25)
1 (28)
2 (27)
18 (11)
14 (15)
13 (16)
11 (18)
12 (17)
15 (14)
9 (20)
8 (21)
7 (22)
10 (19)
(8) 21
(12) 17
(13) 16
(4) 25
(3) 26
(2) 27
(1) 28
(9) 20
(6) 23
(7) 22
(5) 24
19 (10)
6 (23)
5 (24)
SCL
SDA
SW CE/AS
TDA6402
TDA6402A
TDA6403
TDA6403A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com