Electronic Components Datasheet Search
  English  ▼

X  

TDA6402 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 2Page - NXP Semiconductors TDA6402 Datasheet HTML 3Page - NXP Semiconductors TDA6402 Datasheet HTML 4Page - NXP Semiconductors TDA6402 Datasheet HTML 5Page - NXP Semiconductors TDA6402 Datasheet HTML 6Page - NXP Semiconductors TDA6402 Datasheet HTML 7Page - NXP Semiconductors TDA6402 Datasheet HTML 8Page - NXP Semiconductors TDA6402 Datasheet HTML 9Page - NXP Semiconductors TDA6402 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
2000 Jan 24
6
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
PINNING
SYMBOL
PIN
DESCRIPTION
TDA6402;
TDA6402A
TDA6403;
TDA6403A
UHFIN1
1
28
UHF RF input 1
UHFIN2
2
27
UHF RF input 2
VHFIN
3
26
VHF RF input
RFGND
4
25
RF ground
IFFIL1
5
24
IF filter output 1
IFFIL2
6
23
IF filter output 2
PVHFL
7
22
PNP port output, general purpose (e.g. VHF low sub-band)
PVHFH
8
21
PNP port output, general purpose (e.g. VHF high sub-band)
PUHF
9
20
PNP port output, UHF band
FMST
10
19
PNP port output, general purpose (e.g. FM sound trap)
SW
11
18
bus mode selection input (I2C-bus/3-wire bus)
CE/AS
12
17
Chip Enable/Address Selection input
DA
13
16
serial data input/output
CL
14
15
serial clock input
LOCK/ADC
15
14
lock detector output (3-wire bus)/ADC input (I2C-bus)
CP
16
13
charge pump output
VT
17
12
tuning voltage output
XTAL
18
11
crystal oscillator input
VCC
19
10
supply voltage
IFOUT
20
9
IF output
GND
21
8
digital ground
VHFOSCIB
22
7
VHF oscillator input base
OSCGND
23
6
oscillator ground
VHFOSCOC
24
5
VHF oscillator output collector
UHFOSCIB1
25
4
UHF oscillator input base 1
UHFOSCOC1
26
3
UHF oscillator output collector 1
UHFOSCOC2
27
2
UHF oscillator output collector 2
UHFOSCIB2
28
1
UHF oscillator input base 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com