Electronic Components Datasheet Search
  English  ▼

X  

TDA6405ATS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 8Page - NXP Semiconductors TDA6405ATS Datasheet HTML 9Page - NXP Semiconductors TDA6405ATS Datasheet HTML 10Page - NXP Semiconductors TDA6405ATS Datasheet HTML 11Page - NXP Semiconductors TDA6405ATS Datasheet HTML 12Page - NXP Semiconductors TDA6405ATS Datasheet HTML 13Page - NXP Semiconductors TDA6405ATS Datasheet HTML 14Page - NXP Semiconductors TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors TDA6405ATS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
1999 Jan 13
12
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
CHARGE PUMP OUTPUT (CP)
IIH
HIGH-level input current
CHP = 1
−
280
−µA
I
IL
LOW-level input current
CHP = 0
−
60
−µA
VO
output voltage
PLL is locked; Tamb =25 °C
−
1.95
−
V
IL(off)
off-state leakage current
T2 = 0; T1 = 1
−15
−0.5
+15
nA
TUNING VOLTAGE OUTPUT (VT)
IL(off)
off-state leakage current
OS = 1; tuning supply = 33 V
−−
10
µA
VO
output voltage when the
loop is closed
OS = 0; T2 = 0; T1 = 0; T0 = 1;
RL =27kΩ; tuning supply = 33 V
0.2
−
32.7
V
Mixer/oscillator part (VCC =5V; Tamb =25 °C; unless otherwise specified); measured in Fig.11
IF AMPLIFIER
S22
output reflection coefficient magnitude at 36.15 MHz; Zo =50 Ω−
−12.5
−
dB
phase at 36.15 MHz; Zo =50 Ω−
1.41
−
deg
Rs
real part of Zo =Rs +jωLs
Rs at 36.15 MHz
−
81
−Ω
Ls
imaginary part of
Zo =Rs +jωLs
Ls at 36.15 MHz
−
9.5
−
nH
VHF MIXER (INCLUDING IF AMPLIFIER)
fi(RF)
RF input frequency
picture carrier frequency
45.25
−
399.25
MHz
F
noise figure
fRF = 50 MHz; see Figs 8 and 9
−
79dB
fRF = 150 MHz; see Figs 8 and 9
−
810
dB
fRF = 300 MHz;
−
911
dB
gos
optimum source
conductance for noise
figure
fRF = 50 MHz
−
0.7
−
mS
fRF = 150 MHz
−
0.9
−
mS
fRF = 300 MHz
−
1.5
−
mS
gi
input conductance
fRF = 45.25 MHz
−
0.25
−
mS
fRF = 399.25 MHz
−
0.5
−
mS
Ci
input capacitance
fRF = 45.25 to 399.25 MHz
−
2
−
pF
Vo
output voltage causing 1%
cross modulation in
channel
fRF = 45.25 MHz; see Fig.6
116
119
−
dB
µV
fRF = 399.25 MHz; see Fig.6
116
119
−
dB
µV
Vi
input voltage causing
pulling in channel (750 Hz)
fRF = 399.25 MHz; note 1
−
88
−
dB
µV
GV
voltage gain
fRF = 45.25 MHz; see Fig.4
24.5
27
29.5
dB
fRF = 399.25 MHz; see Fig.4
24.5
27
29.5
dB
VHF OSCILLATOR
fosc
oscillator frequency
84.15
−
438.15
MHz
∆f
osc(V)
oscillator frequency shift
with supply voltage
∆VCC = 5%; worst case in the frequency
range; note 2
−
100
200
kHz
∆V
CC = 10%; worst case in the
frequency range; note 2
−
200
−
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com