Electronic Components Datasheet Search
  English  ▼

X  

TDA6405ATS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 10Page - NXP Semiconductors TDA6405ATS Datasheet HTML 11Page - NXP Semiconductors TDA6405ATS Datasheet HTML 12Page - NXP Semiconductors TDA6405ATS Datasheet HTML 13Page - NXP Semiconductors TDA6405ATS Datasheet HTML 14Page - NXP Semiconductors TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors TDA6405ATS Datasheet HTML 16Page - NXP Semiconductors TDA6405ATS Datasheet HTML 17Page - NXP Semiconductors TDA6405ATS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
1999 Jan 13
14
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Notes
1. This is the level of the RF signal (100% amplitude modulated with 11.89 kHz) that causes a 750 Hz frequency
deviation on the oscillator signal; it produces sidebands 30 dB below the level of the oscillator signal.
2. The frequency shift is defined as the change of the oscillator frequency when the supply voltage varies from
VCC = 5 to 4.75 V (4.5 V) or from VCC = 5 to 5.25 V (5.5 V). The oscillator is free-running during this measurement.
3. The frequency drift is defined as the change of the oscillator frequency when the ambient temperature varies from
Tamb =25to0 °C or from Tamb =25to50 °C. The oscillator is free-running during this measurement.
4. The switching on drift is defined as the change of the oscillator frequency between 5 seconds and 15 minutes after
switching on. The oscillator is free-running during this measurement.
5. The ripple susceptibility is measured for a 500 kHz ripple at the IF amplifier output using the measurement circuit;
the level of the ripple signal is increased until a difference of 53.5 dB between the IF carrier set at 100 dB
µV and the
sideband components is reached.
6. This is the level of divider interferences close to the IF frequency. For example:
Ch S1: fosc = 144.15 MHz and 1⁄4fosc = 36.0375 MHz.
Ch S2: fosc = 151.15 MHz and 1⁄4fosc = 37.7875 MHz.
Ch S14: fosc = 291.15 MHz and 1⁄8fosc = 36.39375 MHz.
The VHF RF input must be left open (i.e. not connected to any load or cable).
The UHF RF inputs are connected to a hybrid.
7. Crystal oscillator interference means the 4 MHz sidebands caused by the crystal oscillator.
The rejection should be >60 dB for an IF output signal of 100 dB
µV.
8. The reference frequency rejection is the level of reference frequency sidebands related to the sound subcarrier.
The rejection should be >50 dB for an IF output signal of 100 dB
µV, fREF = 7.8125 kHz.
9. Channel x beat: picture carrier frequency (69.25 MHz) and sound carrier frequency (74.75 MHz) both at 80 dB
µV,
fosc at 108.15 MHz. The rejection of the interfering product RF picture carrier frequency + RF sound carrier
frequency
− fosc at 35.85 MHz should be >60 dB.
10. Channel S02: picture carrier frequency is 76.25 MHz at 80 dB
µV, fosc = 115.15 MHz.
The rejection of fosc − 2 × fIF = 37.35 MHz should be >66 dB.
REJECTION AT THE IF AMPLIFIER OUTPUT
INTDIF
level of divider
interferences in the IF
signal
note 6
−
20
−
dB
µV
INTRXTAL
crystal oscillator
interferences rejection
note 7
60
−−
dBc
INTRFREF reference frequency
rejection
note 8
50
−−
dBc
INTCHX
channel x beat
note 9
60
−−
dBc
INTS02
S02 beat
note 10
66
−−
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com