Electronic Components Datasheet Search
  English  ▼

X  

TDA7021 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA7021
Description  FM radio circuit for MTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7021 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA7021 Datasheet HTML 1Page - NXP Semiconductors TDA7021 Datasheet HTML 2Page - NXP Semiconductors TDA7021 Datasheet HTML 3Page - NXP Semiconductors TDA7021 Datasheet HTML 4Page - NXP Semiconductors TDA7021 Datasheet HTML 5Page - NXP Semiconductors TDA7021 Datasheet HTML 6Page - NXP Semiconductors TDA7021 Datasheet HTML 7Page - NXP Semiconductors TDA7021 Datasheet HTML 8Page - NXP Semiconductors TDA7021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
May 1992
5
Philips Semiconductors
Product specification
FM radio circuit for MTS
TDA7021T
AC CHARACTERISTICS (MONO OPERATION)
VP = 3 V; Tamb = 25 °C; measured in Fig.5; frf = 96 MHz modulated with ∆f = ±22,5 kHz; fm = 1 kHz; EMF = 0,3 mV
(e.m.f. at a source impedance of 75
Ω); r.m.s. noise voltage measured unweighted (f = 300 Hz to 20 kHz); unless
otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Sensitivity (e.m.f.)
see Fig.3
for
−3 dB limiting
muting disabled
EMF
−
4,0
−µV
for
−3 dB muting
EMF
−
5,0
−µV
for (S
+N)/N = 26 dB
EMF
−
7,0
−µV
Signal handling (e.m.f.)
THD < 10%;
∆f = ± 75 kHz
EMF
−
200
−
mV
Signal-to-noise ratio
(S+N)/N
−
60
−
dB
Total harmonic distortion
∆f = ± 22,5 kHz
THD
−
0,7
−
%
∆f = ± 75 kHz
THD
−
2,3
−
%
AM suppression of output
voltage
ratio of AM signal
(fm = 1 kHz; m = 80%)
to FM signal (fm =
1 kHz;
∆f = 75 kHz)
AMS
−
50
−
dB
Ripple rejection
∆V
P = 100 mV;
f = 1 kHz
RR
−
30
−
dB
Oscillator voltage (r.m.s. value)
V5-4(rms)
−
250
−
mV
Variation of oscillator frequency
with temperature
VP = 1 V
−
5
−
kHz/
°C
Selectivity
see Fig.9;
no modulation
S+300
−
46
−
dB
S−300
−
30
−
dB
AFC range
±∆f
rf
−
160
−
kHz
Mute range
±∆f
rf
−
120
−
kHz
Audio bandwidth
∆V
o = 3 dB;
measured with 50
µs
pre-emphasis
B
−
10
−
kHz
AF output voltage
(r.m.s. value)
RL (pin 14) = 100 Ω
Vo(rms)
−
90
−
mV
AF output current
max. d.c. load
Io(dc)
−100
−+100
µA
max. a.c. load (peak value)
THD = 10%
Io(ac)
−
3
−
mA
∆f
osc
T
amb
∆
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com