Electronic Components Datasheet Search
  English  ▼

X  

TDA7021 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA7021
Description  FM radio circuit for MTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7021 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA7021 Datasheet HTML 3Page - NXP Semiconductors TDA7021 Datasheet HTML 4Page - NXP Semiconductors TDA7021 Datasheet HTML 5Page - NXP Semiconductors TDA7021 Datasheet HTML 6Page - NXP Semiconductors TDA7021 Datasheet HTML 7Page - NXP Semiconductors TDA7021 Datasheet HTML 8Page - NXP Semiconductors TDA7021 Datasheet HTML 9Page - NXP Semiconductors TDA7021 Datasheet HTML 10Page - NXP Semiconductors TDA7021 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
May 1992
7
Philips Semiconductors
Product specification
FM radio circuit for MTS
TDA7021T
1) The AF output can be decreased by disconnecting the 100 nF capacitor from pin 16.
Fig.5 Test circuit for mono operation.
AC CHARACTERISTICS (STEREO OPERATION)
VP = 3 V; Tamb = 25 °C; measured in Fig.8; frf = 96 MHz modulated with pilot ∆f = ± 6,75 kHz and AF signal
∆f= ±22,5 kHz; f
m = 1 kHz; EMF = 1 mV (e.m.f. at a source impedance of 75 Ω); r.m.s. noise voltage measured
unweighted (f = 300 Hz to 20 kHz); unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Sensitivity (e.m.f.)
for (S
+N)/N = 26 dB
see Fig.8; pilot off
EMF
−
11
−µV
Selectivity
see Fig.9; no modulation
S+300
−
40
−
dB
S−300
−
22
−
dB
Signal-to-noise ratio
(S+N)/N
−
50
−
dB
Channel separation
Vi = L-signal; fm = 1 kHz; pilot on:
at frf = 97 MHz
α−
26
−
dB
at frf = 87,5 MHz and 108 MHz
α−
14
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com