Electronic Components Datasheet Search
  English  ▼

X  

TDA7052AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA7052AT
Description  1 W BTL mono audio amplifier with DC volume control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA7052AT Datasheet HTML 2Page - NXP Semiconductors TDA7052AT Datasheet HTML 3Page - NXP Semiconductors TDA7052AT Datasheet HTML 4Page - NXP Semiconductors TDA7052AT Datasheet HTML 5Page - NXP Semiconductors TDA7052AT Datasheet HTML 6Page - NXP Semiconductors TDA7052AT Datasheet HTML 7Page - NXP Semiconductors TDA7052AT Datasheet HTML 8Page - NXP Semiconductors TDA7052AT Datasheet HTML 9Page - NXP Semiconductors TDA7052AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
July 1994
6
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
CHARACTERISTICS
VP = 6 V; Tamb = 25 °C; f = 1 kHz; TDA7052A: RL = 8 Ω; TDA7052AT: RL = 16 Ω; unless otherwise specified (see Fig.6).
Notes to the characteristics
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage dividend by RL.
2. The noise output voltage (RMS value) at f = 500 kHz is measured with RS = 0 Ω and bandwidth = 5 kHz.
3. The ripple rejection is measured with RS = 0 Ω and f = 100 Hz to 10 kHz. The ripple voltage of 200 mV, (RMS value)
is applied to the positive supply rail.
4. The noise output voltage (RMS value) is measured with RS = 5 kΩ unweighted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
4.5
−
18
V
IP
total quiescent current
VP = 6 V; RL = ∞
note 1
−
712
mA
Maximum gain; V4 = 1.4 V
PO
output power
THD = 10%
TDA7052A
1.0
1.1
−
W
TDA7052AT
0.5
0.55
−
W
THD
total harmonic distortion
TDA7052A
PO = 0.5 W
−
0.3
1
%
TDA7052AT
PO = 0.25 W
−
0.3
1
%
Gv
voltage gain
34.5
35.5
36.5
dB
VI
input signal handling
V4 = 0.8 V; THD < 1%
0.5
0.65
−
V
Vno(rms)
noise output voltage (RMS value)
f = 500 kHz; note 2
−
210
−µV
B
bandwidth
−1 dB
−
20 Hz to
300 kHz
−
SVRR
supply voltage ripple rejection
note 3
38
46
−
dB
|V
off|
DC output offset voltage
−
0
150
mV
ZI
input impedance (pin 2)
15
20
25
k
Ω
Minimum gain; V4 = 0.5 V
Gv
voltage gain
−−44
−
dB
Vno(rms)
noise output voltage (RMS value)
note 4
−
20
30
µV
Mute position
VO
output voltage in mute position
V4 ≤ 0.3 V; VI = 600 mV
−−
30
µV
DC volume control
φ
gain control range
75
80
−
dB
I4
control current
V4 = 0.4 V
60
70
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com