Electronic Components Datasheet Search
  English  ▼

X  

TDA7052AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7052AT
Description  1 W BTL mono audio amplifier with DC volume control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052AT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7052AT Datasheet HTML 1Page - NXP Semiconductors TDA7052AT Datasheet HTML 2Page - NXP Semiconductors TDA7052AT Datasheet HTML 3Page - NXP Semiconductors TDA7052AT Datasheet HTML 4Page - NXP Semiconductors TDA7052AT Datasheet HTML 5Page - NXP Semiconductors TDA7052AT Datasheet HTML 6Page - NXP Semiconductors TDA7052AT Datasheet HTML 7Page - NXP Semiconductors TDA7052AT Datasheet HTML 8Page - NXP Semiconductors TDA7052AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 1994
2
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins
GENERAL DESCRIPTION
The TDA7052A/AT are mono BTL output amplifiers with
DC volume control. They are designed for use in TV and
monitors, but also suitable for battery-fed portable
recorders and radios.
Missing Current Limiter (MCL)
A MCL protection circuit is built-in. The MCL circuit is
activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA (typical
300 mA). This level of 100 mA allows for headphone
applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
Notes
1. SOT97-1; 1996 September 10.
2. SOT96-1; 1996 September 10.
SYMBOL
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
4.5
−
18
V
PO
output power
TDA7052A
RL = 8 Ω; VP = 6 V
1.0
1.1
−
W
TDA7052AT
RL = 16 Ω; VP = 6 V
0.5
0.55
−
W
Gv
maximum total voltage gain
34.5
35.5
36.5
dB
φ
gain control range
75
80
−
dB
IP
total quiescent current
VP = 6 V; RL = ∞−
712
mA
THD
total harmonic distortion
TDA7052A
PO = 0.5 W
−
0.3
1
%
TDA7052AT
PO = 0.25 W
−
0.3
1
%
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA7052A
8
DIL
plastic
SOT97(1)
TDA7052AT
8
mini-pack
plastic
SOT96A(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com