Electronic Components Datasheet Search
  English  ▼

X  

SD60C51/P Datasheet(PDF) 2 Page - AUK corp

Part # SD60C51/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C51/P Datasheet(HTML) 2 Page - AUK corp

  SD60C51/P Datasheet HTML 1Page - AUK corp SD60C51/P Datasheet HTML 2Page - AUK corp SD60C51/P Datasheet HTML 3Page - AUK corp SD60C51/P Datasheet HTML 4Page - AUK corp SD60C51/P Datasheet HTML 5Page - AUK corp SD60C51/P Datasheet HTML 6Page - AUK corp SD60C51/P Datasheet HTML 7Page - AUK corp SD60C51/P Datasheet HTML 8Page - AUK corp SD60C51/P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
KSI-W001-000
2
Absolute Maximum Ratings
Characteristic
Rating
Unit
Ambient temperature under bias
0 ~+70
°C
Storage temperature
-65 ~ +150
°C
Voltage on any pin to Vss
-0.5~Vcc + 0.5
V
Maximum IOL per I/O pin
15
㎃
Power dissipation
1
Watt
Block Diagram
Description
The AUK 60C31/P 60C51/P is a high-performance micro controller fabricated with AUK
high-density CMOS technology. The AUK CMOS technology combines the high speed and
density characteristics of MOS with the low power attributes of CMOS.
The 60C51 contains a 4K×8 ROM, a 128×8 RAM, 32I/O lines, two 16-bit counter/times, a
five-source, two-priority level nested interrupt structure, a serial I/O port for either multi-
processor communication, I/O expansion or full duplex UART, and on-chip oscillator and
clock circuists.
In addition, the device has tow software selectable modes of power reduction idle mode
and powerdown mode. The idle mode freezes the CPU while allowing the RAM, times, serial
port, and interrupt system to continue functioning.
SD60C31/P SD60C51/P
Interrupt
Control
SFR
Timer 1
CPU
Osc
Bus
Control
Four I/O Ports
Serial
Port
Timer 0
128
RAM
4K
ROM
External
Interrupts
Counter
Input
TxD
RxD
P0
P2
P1
P3
Address/Data
Figure 60C51L Block Diagram
- F igure D MC 60C 51 B loc k D iagram -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com