Electronic Components Datasheet Search
  English  ▼

X  

SD60C51/P Datasheet(PDF) 7 Page - AUK corp

Part # SD60C51/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C51/P Datasheet(HTML) 7 Page - AUK corp

Back Button SD60C51/P Datasheet HTML 3Page - AUK corp SD60C51/P Datasheet HTML 4Page - AUK corp SD60C51/P Datasheet HTML 5Page - AUK corp SD60C51/P Datasheet HTML 6Page - AUK corp SD60C51/P Datasheet HTML 7Page - AUK corp SD60C51/P Datasheet HTML 8Page - AUK corp SD60C51/P Datasheet HTML 9Page - AUK corp SD60C51/P Datasheet HTML 10Page - AUK corp SD60C51/P Datasheet HTML 11Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
KSI-W001-000
7
Electrical Characteristics(DC)
(TA = 0℃ ~ 70℃ or -40℃ ~ 85℃, VCC = 5V ± 20%, VSS=0V)
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
TYP.
MAX
UNIT
VIL
Input low voltage, except EA
-0.5
0.2VCC-
0.1
V
VILI
Input low voltage to EA
0
0.2VCC-
0.3
V
VIH
Input high voltage, except
XTAL1,RST
0.2VCC+
0.9
VCC+0.5
V
VIHI
Input high voltage to XTAL1,
RST
0.7 VCC
VCC+0.5
V
VOL
Output low voltage to ports
1,2,3
IOL=1.6 ㎃
0.45
V
VOLI
Output low voltage to ports
0, ALE, PSEN
IOL=3.2 ㎃
0.45
V
VOH
Output high voltage to ports
1,2,3,ALE,PSEN
IOH=-60 ㎂
IOH=-25 ㎂
IOH=-10 ㎂
2.4
0.75VCC
0.9VCC
V
VOHI
Output high voltage (port 0
in external bus mode)
IOH=-800 ㎂
IOH=-300 ㎂
IOH=-80 ㎂
2.4
0.75VCC
0.9VCC
V
IIL
Logical 0 input current to
ports 1,2,3
VIN=0.45V
-50
µA
ITL
Logical 1 to 0 transition
current to port 1,2,3
VIN=2V
-650
µA
ILI
Input leakage current to
port 0, EA
0.45<VIN< VCC
±
10
µA
ICC
Power supply current
Active mode @ 12MHz
Idle mode @ 12MHz
Power-down mode
See note1
11
1.7
5
20
5
50
mA
mA
µA
RRST
Internal
reset
pull-down
resistor
50
150
kohm
C10
Pin capacitance
10
pF
Note : 1. See figure 8 through 11 for ICC test conditions. Minimum VCC for power down is 2V.
SD60C31/P SD60C51/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com