Electronic Components Datasheet Search
  English  ▼

X  

TDA8000 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8000
Description  Smart card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8000 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8000 Datasheet HTML 9Page - NXP Semiconductors TDA8000 Datasheet HTML 10Page - NXP Semiconductors TDA8000 Datasheet HTML 11Page - NXP Semiconductors TDA8000 Datasheet HTML 12Page - NXP Semiconductors TDA8000 Datasheet HTML 13Page - NXP Semiconductors TDA8000 Datasheet HTML 14Page - NXP Semiconductors TDA8000 Datasheet HTML 15Page - NXP Semiconductors TDA8000 Datasheet HTML 16Page - NXP Semiconductors TDA8000 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1996 Dec 12
13
Philips Semiconductors
Product specification
Smart card interface
TDA8000; TDA8000T
Reset output to the card (RST)
VIDLE
output voltage in IDLE mode
−−
0.4
V
VOL
LOW level output voltage
IOL = 200 µA
−−
0.45
V
VOH
HIGH level output voltage
IOH = −200 µA
4.0
−
VCC
V
IOH = −10 µAVCC − 0.7
−
VCC
V
tRST
delay between RSTIN and RST
RST enabled; see Fig.6
−−
2
µs
tr
rise time
CL = 330 pF
−−
1
µs
tf
fall time
CL = 330 pF
−−
1
µs
Clock output to card (CLK)
VIDLE
output voltage in IDLE mode
−−
0.4
V
VOL
LOW level output voltage
IOL = 200 µA
−−
0.4
V
VOH
HIGH level output voltage
IOH = −200 µA
2.4
−
VCC + 0.3
V
IOH = −20 µA
0.7VCC
−
VCC + 0.3
V
IOH = −10 µAVCC − 0.7
−
VCC + 0.3
V
tr
rise time
CL = 30 pF; note 2
−−
18
ns
tf
fall time
CL = 30 pF; note 2
−−
18
ns
δ
duty factor
CL = 30 pF; (XTAL or
CLKIN used); note 2
45
−
55
%
∆δ/∆θ
thermal drift on duty factor
DIP and SO packages
−−0.07
−
%/K
Card programming voltage (VPP)
P
selected voltage
see Table 1
VPP
output voltage
idle mode
−−
0.4
V
read mode
VCC − 4%
−
VCC +4%
V
write mode; IPP <50mA
P
− 2.5%(3) −
P + 2.5%(3) V
IPP
output current
read mode
−−
−50
mA
write mode
−−
−50
mA
write mode; VPP
short-circuited to GND
−−
−400
mA
SR
slew rate
up or down
0.80
1.0
1.20
V/
µs
High-voltage input (VH)
VH
input voltage
−−
30
V
IH
input current at VH
idle mode
2
−
3mA
active mode; unloaded;
WRITE = 0
P=5V
3
−
7mA
P = 12.5 V
5
−
10
mA
P=15 V
6
−
11
mA
P=21 V
8
−
13
mA
VH − VPP
voltage drop
−−
2.2
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com