Electronic Components Datasheet Search
  English  ▼

X  

TDA8000 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8000
Description  Smart card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8000 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8000 Datasheet HTML 14Page - NXP Semiconductors TDA8000 Datasheet HTML 15Page - NXP Semiconductors TDA8000 Datasheet HTML 16Page - NXP Semiconductors TDA8000 Datasheet HTML 17Page - NXP Semiconductors TDA8000 Datasheet HTML 18Page - NXP Semiconductors TDA8000 Datasheet HTML 19Page - NXP Semiconductors TDA8000 Datasheet HTML 20Page - NXP Semiconductors TDA8000 Datasheet HTML 21Page - NXP Semiconductors TDA8000 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1996 Dec 12
18
Philips Semiconductors
Product specification
Smart card interface
TDA8000; TDA8000T
APPLICATION INFORMATION
Fig.14 Typical application within a consumer product.
handbook, full pagewidth
MGG825
1 k
Ω
C1
5.6 V
I/O1
CVNC
GND
DELAY
5 V
I/O2
RST
C2
C3
C4
C5
ALARM
ALARM
I/O1(
µC)
I/O2(
µC)
RSTIN
CVNG
OFF
OSC
XTAL
START
WRITE
CLKDIV
CLKOUT
PSEL1
PSEL2
VH
C6
C7
C8
VCC
GENERATOR
VPP
GENERATOR
VPP
VCC
VSUP
VDD
VCC
RST
PORT 1
INT 1
LOGIC
CARD SOCKET
80C51
MICRO-
CONTROLLER
PROTECTIONS
TDA8000
12 V
25 V
CLKIN
3.58 MHz
INTERNAL
CLOCK
CLOCK
CIRCUITRY
PROTECTIONS
ENABLE
VOLTAGE
SUPERVISOR
MAIN
SUPPLY
CLOCK
ENABLE
22
µF
47 nF
100 nF
10
µF
PRES
PRES
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com