Electronic Components Datasheet Search
  English  ▼

X  

WM2-96 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WM2-96
Description  Energy Management Modular Power Analyzers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM2-96 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WM2-96 Datasheet HTML 1Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Specifications are subject to change without notice
WM2-96DS0303
WM2-96
Pulse output (on request)
Number of outputs
1, independent
Static type
From 0.1 to 999.9 pro-
(according to DIN 43864)
grammable pulses for kWh,
KVArh, open collector (NPN
transistor)
VON 1.2 VDC/ max. 100 mA
VOFF 30 VDC max.
Relay type
1 x SPDT
AC 1 - 8A, 250VAC
DC 12 - 5A,24VDC
AC 15 - 2.5A, 250VAC
DC 13 - 2.5A, 24VDC
Pulse duration
200 ms (ON),
≥ 200 ms (OFF)
Insulation
By means of optocouplers,
4000 Vrms output to
measuring input,
4000 Vrms output to
supply input.
Serial port (on request)
Type
RS422/RS485;
Multidrop bidirectional (static
and dynamic variables)
Connections
4 wires, max. distance
1200m, termination directly
on the module
Addresses
1 to 255, selectable
by key-pad
Protocol
MODBUS/JBUS
Data (bidirectional)
Dynamic (reading only)
System variables:
P, Q, PF, VL-L,
energies,
Single phase variables:
PL1, QL1, PFL1, VL1-N, AL1,
PL2, QL2, PFL2, VL2-N, AL2,
PL3, QL3, PFL3, VL3-N, AL3
Static (writing only)
All programming data, reset
of energy:
- partial kWh
- partial kVArh
- total kWh
- total kVArh
Stored energy (EEPROM)
≤ 999999 kWh
≤ 999999 kVArh
Data format
1-start bit, 8-data bit, no
parity/even parity, 1 stop bit
Baud-rate
1200, 2400, 4800 and 9600
selectable bauds
Insulation
By means of optocouplers,
4000 Vrms output to
measuring inputs
4000 Vrms output to
supply input
Output Specifications
Decimal point position
Instantaneous measurements:
Automatic selection accord-
ing to the current trans-
former ratio of the CT being
connected (max. indication -
single phase):
CT ratio
≤ 5 : 11.11 (25.00A)
CT ratio
≤50.0: 111.1 (250.0A)
CT ratio
≤ 500.0 : 1111 (2500A)
CT ratio
≤ 999.9 : 11110 (6000A)
Energy measurements:
max. resolution:1 Wh/1 VArh
min. resolution: 1 kWh/1 kVArh
Max. and min. indication
Voltage
Max. 600
min. 0
Current (CT ratio = 1)
Max. 6.00
min. 0.00
PF
Max. 1.00
min. 0.00
Power (CT ratio = 1)
Max. 5.40
min. 0.00
Active energy
Max. 999999 min. –199999
Reactive energy
Max. 999999 min. 0
Sampling rate
3 times / second
Measurements
System variables
kW, kVAr, PF, VL-L, A,
Total energies
kWh, kvarh
Partial energies
kWh, kvarh
(the meters are reset
automatically when the
values reach 14999*CT ratio)
Single phase variables
kW, kVAr, PF, VL-N, A
Measurement method
TRMS measurement of a dis-
torted voltage/current wave
Coupling type: Direct
Crest factor:
≥ 3
Ranges (impedances)
250 V/433 V (
≥400kΩ)
5 AAC (
≤ 0.3 VA / ≤ 0.1Ω)
400V/690V (
≥650kΩ)
Frequency range
48 to 62 Hz
Over-load protection
Un: 250V (AV5), 400V (AV7)
In: 5A
Continuous: voltage/current
1.2 Un /In
For 1 s
Voltage:
2 Un
Current:
20 In
Keyboard
4 keys:
”
∆∇”:
- to enter programming
phase and password con-
firmation;
- for value programming
and basic measurement
scrolling.
“L”:
- for confirmation of new
programmed values and
going ahead to the next
programming step,
- single phase measure-
ment scrolling.
“R”:
- for the reset of the partial
counted active and/or
reactive energy.
Input Specifications (cont.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com