Electronic Components Datasheet Search
  English  ▼

X  

WM2-96 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WM2-96
Description  Energy Management Modular Power Analyzers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM2-96 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WM2-96 Datasheet HTML 1Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM2-96 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications are subject to change without notice
WM2-96DS0303
1
• Class 1 (current/voltage)
• Modular power analyzer
• Front size: 96x96 mm
• 3-dgt/6-dgt µP-based indicator
• Manual or automatic scrolling of system and
single phase: kW, kVAr, PF, kWh, kVArh, A, VL-L avg,
VL1-N, VL2-N, VL3-N.
• TRMS measurement of distorted waves (voltage/current)
• All configuration functions selectable by
built-in key-pad
• Password protection of programming parameters
• Degree of protection (front): IP 65
• Optional pulse output (according to DIN43864)
• Optional serial RS 422 /485 port
• MODBUS, JBUS protocol.
Product Description
Model
Range code
System
Power supply
1st output
2nd output
Ordering Key WM2-96 AV53DXXX
µP-based
modular
power
analyzer with a built-in con-
figuration key-pad. The pow-
er, power factor, current and
voltage are system and sin-
gle phase measurements and
indications. The housing is
easy to mount on a panel
and ensures a degree of pro-
tection (front) of IP 65.
Energy Management
Modular Power Analyzers
Type WM2-96
Type Selection
System
3:
One phase,
three-phase system,
3 or 4 wires, balan-
ced load;
three phase system,
3 or 4 wires, unba-
lanced load
Range code
AV5:
250/433 VAC - 5 AAC
(max. 300 V (L-N)/
520 V (L-L) - 6 A)
AV7:
400/690 VAC - 5 AAC
(max. 480 V (L-N)/
830 V (L-L) - 6 A) 1)
Power supply
A:
24 VAC, -15% +10%,
50/60 Hz 1) 2)
B:
48 VAC, -15%+10%,
50/60 Hz 1) 2)
C:
115 VAC, -15%
+10%, 50/60 Hz 1) 2)
D:
230 VAC, -15%
+10%, 50/60 Hz
(standard) 2)
L:
18 to 60 VDC/AC
3)
H:
90 to 260 VDC/AC 3)
1st output (pulse)
XX:
No output (standard)
O1:
Single open collector
output (30V/100mADC) 1)
O2:
Dual open collector output,
the second one is the copy
of the first one, like “O1” 1)
R1:
Single relay output,
(AC1-8AAC, 250VAC) 1)
R2:
Dual relay output,
the second one is the copy
of the first one, like “R1” 1)
2nd output
X:
No output (standard)
S:
Serial port, RS 485
multidrop bidirec-
tional 1)
Rated input
Current
2 inputs (one/three-phase
balanced load)
6 inputs (one/three-phase
unbalanced load)
Voltage
2 inputs (one/three-phase
balanced load)
4 inputs (one/three-phase
unbalanced load)
Insulation
among the voltage and the
current inputs: 2000Vrms;
among the current inputs:
2000 Vrms
Temperature drift
±250 ppm/°C
Display
Backlighted LCD, h 13mm,
3-dgt (instantaneous meas.)
6-dgt (energies)
Input Specifications
Accuracy (48 to 62 Hz)
Un: 250V (AV5), 400V (AV7)
In: 5A
Voltage/current
(@ 25°C ± 5°C, R.H.
≤ 60%)
±0.5% f.s. (0 to 1.2 In,
0.5 to 1.2 Un)
Active power
(@ 25°C ± 5°C, R.H.
≤ 60%)
±1% f.s. (PF
≥ 0.7 L/C,
0 to 1.2 In, 0.5 to 1.2 Un)
Reactive power
(@ 25°C ± 5°C, R.H.
≤ 60%)
±1% f.s. (PF
≥ 0.7 L/C,
0 to 1 In, 0 to 1 Un)
Power factor (PF)
(@ 25°C ± 5°C, R.H.
≤ 60%)
±1% f.s., PF
≥ 0.7 L/C,
(0.6 to 1.2 In, 1 to 1.2 Un)
Energy
±1% RDG (kWh), ±2% RDG
(@ 25°C ± 5°C, R.H.
≤ 60%)
(kvarh), (PF
≥ 0.7L/C, 0 to
1.2 In, 0.5 to 1.2 Un)
Additional errors
Humidity
< 0.3% f.s., 60% to 90% R.H.
Power supply
±0.5% rdg, -15 +10% p.s.
Magnetic field
< 0.1% f.s. @ 400 A/m
1)
On request
2)
Warning: this power supply cannot be used if the
RS485 module is
needed
3)
Compatible with any kind of output


Similar Part No. - WM2-96

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
WM2-DINAV53APS CARLOGAVAZZI-WM2-DINAV53APS Datasheet
281Kb / 9P
Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53APX CARLOGAVAZZI-WM2-DINAV53APX Datasheet
281Kb / 9P
Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53BPS CARLOGAVAZZI-WM2-DINAV53BPS Datasheet
281Kb / 9P
Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53BPX CARLOGAVAZZI-WM2-DINAV53BPX Datasheet
281Kb / 9P
Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53CPS CARLOGAVAZZI-WM2-DINAV53CPS Datasheet
281Kb / 9P
Energy Management Power Analyzers Type WM2-DIN
More results

Similar Description - WM2-96

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
Energy Management Modular Smart Power Transducer
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
Energy Management Modular Power Quality Analyzer
CPT-DIN ETC2-CPT-DIN Datasheet
585Kb / 13P
Energy Management Compact Power Transducer
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
Energy Management Energy Transducer Type ET340
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
Energy Management Smart Modular Power Analyzer
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
WM2-DINAV53DPX CARLOGAVAZZI-WM2-DINAV53DPX Datasheet
281Kb / 9P
Energy Management Power Analyzers Type WM2-DIN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com