Electronic Components Datasheet Search
  English  ▼

X  

SMHP Datasheet(PDF) 1 Page - Bi technologies

Part # SMHP
Description  20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SMHP Datasheet(HTML) 1 Page - Bi technologies

  SMHP Datasheet HTML 1Page - Bi technologies SMHP Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20W TO-263 HIGH POWER SURFACE MOUNT
RESISTORS
Features…………………………………………………………
.
Non-Inductive, Small, 20 Watt high power resistor.
TO-263 surface mount package offering a very low thermal resistance.
Small thin package for high density PCB installation.
RoHS compliant.
Suitable for board mounting with either solder or clip.
Applications………………………………………………
………
High frequency emitter resistors in switching power supplies.
High precision CRT color video amplifiers.
High frequency snubber and pulse handling circuits.
Pulse generator load resistors
.
In-rush current protection
Bleeder Resistors
Specification
Specifications subject to change without notice
Items
Specification
Test Conditions
Power Rating
20 Watt
-55
°C to 25°C flange temperature
Power Rating
2.25 Watt
Without heatsink
Thermal Resistance
3.3
°C/W
Resistor hot spot to flange
Resistance Range
0.01-0.09
Ω
0.1-9.1
Ω
10-220
Ω
Up to 51K
Ω also available
Nominal Resistance Series
E6
E12
E24
Including 2.5
Ω and 5.0 Ω
TCR(ppm/
°C)
250
100
50
For -55
°C to +155 °C
Tolerance
+/-5%
+/-1% & +/-5%
+/-1%
Operation Temp. Range
-55
°C to+155°C
Max. Operating Voltage
500V or
R
P
⋅
Dielectric Withstanding Voltage.
2000 V DC
60 seconds.
Load Life
∆R +/- (1.0% + 0.05 Ω)
25
°C, 90 min.ON, 30min.OFF, 1000hours.
Humidity
∆R +/- (1.0% + 0.05 Ω)
40
°C, 90-95%RH, DC 0.1W, 1000 hours.
Temp. Cycle
∆R +/- (0.25% + 0.05 Ω)
-55
°C,30 min.,+155°C,30 min., 5cycles
Soldering Heat (Max)
∆R +/- (0.1 %+0.05 Ω)
250+/-5
°C, 3seconds,
Solderability
Min. 90% coverage
230+/-5
°C, 3seconds.
Insulation Resistance
Over 1,000 Meg
Ω
Between terminals and tab.
Vibration
∆R +/- (0.25% + 0.05 Ω)
Notes:
1.
Electrically isolated metal tab.
2.
Contact factory for custom products, non-standard values and tolerances.
3.
Current rating: 25A maximum.
1
Dimensions (mm)
Tolerances +/-0.1 unless otherwise marked
10.6max
0.5
2.7
1.5
4.5
5.08
1.5
0.75
12.7
2.03
5.08
SMHP
10.6max
1.6+/-0.2
1.4+/-0.2


Similar Part No. - SMHP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SMHP TTELEC-SMHP Datasheet
649Kb / 6P
High stability film resistance elements
logo
Interpoint Corporation ...
SMHP120 INTERPOINT-SMHP120 Datasheet
94Kb / 8P
DC/DC CONVERTERS 120 VOLT INPUT
logo
TT Electronics.
SMHP20 TTELEC-SMHP20 Datasheet
632Kb / 6P
MODEL SMHP
04.12
logo
Bi technologies
SMHP200R100F BITECH-SMHP200R100F Datasheet
792Kb / 2P
20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
SMHP200R100J BITECH-SMHP200R100J Datasheet
792Kb / 2P
20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
More results

Similar Description - SMHP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
20W TO-220 HIGH POWER RESISTORS
logo
DB Lectro Inc
RNP-10S DBLECTRO-RNP-10S Datasheet
202Kb / 2P
TO126 20W HIGH POWER RESISTORS
RNP-10 DBLECTRO-RNP-10 Datasheet
271Kb / 2P
TO220 20W HIGH POWER RESISTORS
logo
Sharp Corporation
PQ1CY1032ZXH SHARP-PQ1CY1032ZXH Datasheet
163Kb / 6P
To-263 Surface Mount Type Chopper Regulator
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
20W TO-126 HIGH POWER RESISTORS
logo
Sharp Corporation
PQ1CY1032Z SHARP-PQ1CY1032Z Datasheet
94Kb / 9P
TO-263 Surface Mount Type Chopper Regulator
logo
IRC - a TT electronics ...
TFP-SMHP25LF-10R0-J IRCTT-TFP-SMHP25LF-10R0-J Datasheet
367Kb / 3P
Surface Mount TO-263 25W Power Resistor
logo
Bi technologies
SMHP20500F BITECH-SMHP20500F Datasheet
792Kb / 2P
20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
logo
List of Unclassifed Man...
MHP20S100F ETC2-MHP20S100F Datasheet
658Kb / 3P
20W TO126 High Power Resistors
MHP201R0F ETC2-MHP201R0F Datasheet
665Kb / 3P
20W TO220 High Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com