Electronic Components Datasheet Search
  English  ▼

X  

SMHP Datasheet(PDF) 2 Page - Bi technologies

Part # SMHP
Description  20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SMHP Datasheet(HTML) 2 Page - Bi technologies

  SMHP Datasheet HTML 1Page - Bi technologies SMHP Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR4 Thermal PCB Characterisation
Pad Dimensions (x,y mm)
P90 °C, 35um (W)
50, 40
4.5
45, 35
4
40, 30
3.5
35, 25
3
20, 10
2
Notes: Characterisation carried out using 35
µm PCB copper pad weights, with the temperature of 90°C used as a maximum
reference on the PCB.
P90 °C, 35um (W) is power when the measurement point reaches 90 °C
Ordering Information
SMHP 20
500
F
Model
Resistance Code
Tolerance
SMHP 20
20W TO-263 HIGH POWER RESISTORS
-50
0
50
100
150
200
Flange Temperature (
°C)
100
80
60
40
20
0
+155
°C
+25
°C
% Power
0
10
20
30
Applied Power (W)
120
100
80
60
40
20
0
.
Temperature rise (
°C)
Reel Dimension:
Reel Orientation:
Outer Diameter: 300 mm
Units to be orientated with Pins facing Sprocket Holes
Inner Diameter: 100 mm
Width: 23.9 mm min. 27.4 mm max
Quantity: 500pcs/reel
5.0
0.4
16.0
4.0
2.0
10.8
Derating Curve
Temperature Rise
Tape Dimensions and Orientation
2
0.1
Ω : 0R100
J = 5% Tol
50
Ω : 500 First two digits significant, last digit: number of trailing zeros
F = 1% Tol
x mm
y mm
Temperature
measurement



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com