Electronic Components Datasheet Search
  English  ▼

X  

LTM4606 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4606
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 8Page - Linear Technology LTM4606 Datasheet HTML 9Page - Linear Technology LTM4606 Datasheet HTML 10Page - Linear Technology LTM4606 Datasheet HTML 11Page - Linear Technology LTM4606 Datasheet HTML 12Page - Linear Technology LTM4606 Datasheet HTML 13Page - Linear Technology LTM4606 Datasheet HTML 14Page - Linear Technology LTM4606 Datasheet HTML 15Page - Linear Technology LTM4606 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTM4613
12
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
For output voltages more than 12V, the frequency can
be higher than 600kHz, thus reducing the efficiency sig-
nificantly. Additionally, the minimum off-time of 400ns
normally limits the operation when the input voltage is
close to the output voltage. Therefore, it is recommended
to lower the frequency in these conditions by connecting
a resistor (RfSET) from the fSET pin to VIN as shown in
Figure 20, where:
f =
VOUT
5•10−11
3•RfSET •133k
RfSET −2•133k
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
[Hz]
The load current can affect the frequency due to its con-
stant on-time control. If constant frequency is a necessity,
the PLLIN pin can be used to synchronize the frequency
of the LTM4613 to an external clock subject to minimum
on-time and off-time limits, as shown in Figures 21 to 23.
Input Capacitors
LTM4613 is designed to achieve low input conducted
EMI noise due to the fast switching of turn-on and turn-
off. Additionally, a high-frequency inductor is integrated
into the input line for noise attenuation. VD and VIN pins
are available for external input capacitors to form a high
frequency π filter. As shown in Figure 18, the ceramic
capacitors, C1-C3, on the VD pins are used to handle most
of the RMS current into the converter, so careful attention
is needed for capacitors C1-C3 selection.
For a buck converter, the switching duty cycle can be
estimated as:
D=
VOUT
VIN
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
ICIN(RMS) =
IOUT(MAX)
η
• D• 1–D
(
)
In this equation, η is the estimated efficiency of the
power module. Note the capacitor ripple current ratings
are often based on temperature and hours of life. This
makes it advisable to properly derate the input capacitor,
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
In a typical 8A output application, three very low ESR,
X5R or X7R, 10µF ceramic capacitors are recommended
for C1-C3. This decoupling capacitance should be placed
directly adjacent to the module VD pins in the PCB layout
to minimize the trace inductance and high frequency AC
noise. Each 10µF ceramic is typically good for 2A of RMS
ripple current. Refer to your ceramics capacitor catalog
for the RMS current ratings.
Toattenuatethehighfrequencynoise,extrainputcapacitors
should be connected to the VIN pads and placed before the
high frequency inductor to form the π filter. One of these
low ESR ceramic input capacitors is recommended to be
close to the connection into the system board. A large bulk
100µF capacitor is only needed if the input source imped-
ance is compromised by long inductive leads or traces.
Output Capacitors
The LTM4613 is designed for low output voltage ripple.
ThebulkoutputcapacitorsdefinedasCOUTarechosenwith
low enough effective series resistance (ESR) to meet the
outputvoltagerippleandtransientrequirements.COUTcan
be low ESR tantalum capacitor, low ESR polymer capaci-
tor or ceramic capacitor. The typical capacitance is 4 ×
47µF if all ceramic output capacitors are used. Additional
output filtering may be required by the system designer
if further reduction of output ripple or dynamic transient
spikes is required. Table 2 shows a matrix of different
output voltages and output capacitors to minimize the
voltage droop and overshoot during a 4A load transient.
The table optimizes total equivalent ESR and total bulk
capacitance to maximize transient performance.
Multiphase operation with multiple LTM4613 devices in
parallel will also lower the effective output ripple current
due to the phase interleaving operation. Refer to Figure 4
for the normalized output ripple current versus the duty
cycle. Figure 4 provides a ratio of peak-to-peak output
ripple current to the inductor ripple current as functions of
duty cycle and the number of paralleled phases. Pick the
corresponding duty cycle and the number of phases to get
the correct output ripple current value. For example, each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com