Electronic Components Datasheet Search
  English  ▼

X  

LTM4606 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4606
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 10Page - Linear Technology LTM4606 Datasheet HTML 11Page - Linear Technology LTM4606 Datasheet HTML 12Page - Linear Technology LTM4606 Datasheet HTML 13Page - Linear Technology LTM4606 Datasheet HTML 14Page - Linear Technology LTM4606 Datasheet HTML 15Page - Linear Technology LTM4606 Datasheet HTML 16Page - Linear Technology LTM4606 Datasheet HTML 17Page - Linear Technology LTM4606 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTM4613
14
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
phase’sinductorripplecurrent∆ILis~5.0Afora36Vto12V
design. The duty cycle is about 0.33. The 2-phase curve
shows a ratio of ~0.33 for a duty cycle of 0.33. This 0.33
ratio of output ripple current to the inductor ripple current
∆IL at 5.0A equals 1.65A of output ripple current (∆IO).
The output voltage ripple has two components that are
related to the amount of bulk capacitance and effective
series resistance (ESR) of the output bulk capacitance.
The equation is:
∆VOUT(P−P) ≈
∆IO
8 • f •N•COUT
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟ +
ESR•∆IO
N
where f is the frequency and N is the number of paralleled
phases. This calculation process can be easily accom-
plished by using LTpowerCAD™.
Fault Conditions: Current Limit and
Overcurrent Foldback
LTM4613 has a current mode controller, which inherently
limitsthecycle-by-cycleinductorcurrentnotonlyinsteady
state operation, but also in response to transients.
To further limit current in the event of an overload condi-
tion,theLTM4613providesfoldbackcurrentlimiting.Ifthe
output voltage falls by more than 50%, then the maximum
output current is progressively lowered to about one sixth
of its full current limit value.
Soft-Start and Tracking
The TRACK/SS pin provides a means to either soft-start
the regulator or track it to a different power supply. A
capacitor on this pin will program the ramp rate of the
output voltage. A 1.5µA current source will charge up the
external soft-start capacitor to 80% of the 0.6V internal
voltage reference plus or minus any margin delta. This will
control the ramp of the internal reference and the output
voltage. The total soft-start time can be calculated as:
tSOFTSTART ≅ 0.8 • 0.6V± VOUT(MARGIN)
(
)•
CSS
1.5µA
If the RUN pin falls below 1.5V, then the TRACK/SS pin
is reset to allow for proper soft-start control when the
regulator is enabled again. Current foldback and forced
continuous mode are disabled during the soft-start pro-
cess. The soft-start function can also be used to control
the output ramp rise time, so that another regulator can
be easily tracked to it.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up
and down with another regulator. Figure 5 shows an ex-
ample of coincident tracking where the master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider.
Ratiometric modes of tracking can be achieved by select-
ing different resistor values to change the output tracking
ratio. The master output must be greater than the slave
output for coincident tracking to work. Figure 6 shows the
coincident output tracking characteristics.
Figure 5. Coincident Tracking Schematic
Figure 6. Coincident Output Tracking Characteristics
PGOOD
RUN
COMP
INTVCC
DRVCC
TRACK/SS
fSET
VOUT
VFB
FCB
MARG0
MARG1
MPGM
TRACK
CONTROL
PLLIN
LTM4613
RFB
5.23k
51k
MASTER
OUTPUT
R2
100k
COUT
SLAVE
OUTPUT
4613 F05
CIN
VIN
VD
PGND
SGND
VIN
R1
5.23k
10µF
×3
OUTPUT
VOLTAGE
TIME
4613 F06
MASTER OUTPUT
SLAVE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com