Electronic Components Datasheet Search
  English  ▼

X  

TDA8005G Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8005G
Description  Low-power smart card coupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8005G Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8005G Datasheet HTML 18Page - NXP Semiconductors TDA8005G Datasheet HTML 19Page - NXP Semiconductors TDA8005G Datasheet HTML 20Page - NXP Semiconductors TDA8005G Datasheet HTML 21Page - NXP Semiconductors TDA8005G Datasheet HTML 22Page - NXP Semiconductors TDA8005G Datasheet HTML 23Page - NXP Semiconductors TDA8005G Datasheet HTML 24Page - NXP Semiconductors TDA8005G Datasheet HTML 25Page - NXP Semiconductors TDA8005G Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
1996 Sep 25
22
Philips Semiconductors
Product specification
Low-power smart card coupler
TDA8005
Reset output to the card (RST)
Vinactive
output voltage
when inactive
−0.3
−
0.4
V
when LIS is used; Iinactive =1mA
−0.3
−
0.4
V
Iinactive
current from RST when
inactive and pin grounded
−−
−1mA
VOL
LOW level output voltage
IOL = 200 µA
−0.25
−
0.4
V
VOH
HIGH level output voltage
IOH <−200 µA4
−
VCC + 0.3 V
tr
rise time
CL =30pF
−−
1
µs
tf
fall time
CL =30pF
−−
1
µs
Clock output to the card (CLK)
Vinactive
output voltage
when inactive
−0.3
−
0.4
V
when LIS is used; Iinactive =1mA
−0.3
−
0.4
V
Iinactive
current from CLK when
inactive and pin grounded
−−
−1mA
VOL
LOW level output voltage
IOL = 200 µA
−0.25
−
0.4
V
VOH
HIGH level output voltage
IOH <−200 µAVCC−0.5
−
VCC+0.25 V
tr
rise time
CL =30pF
−−
15
ns
tf
fall time
CL =30pF
−−
15
ns
fclk
clock frequency
1 MHz Idle configuration
1
−
1.5
MHz
low operating speed
−−
2
MHz
middle operating speed
−−
4
MHz
high operating speed
−−
8
MHz
δ
duty cycle
CL =30pF
45
−
55
%
Card supply voltage (VCC)
Vinactive
output voltage
when inactive
−0.3
−
0.4
V
when LIS is used; Iinactive =1mA
−0.3
−
0.4
V
Iinactive
current from VCC when
inactive and pin grounded
−−
−1mA
Vcc
output voltage in active mode
with 100 nF capacitor;
static load (up to 20 mA)
dynamic current of 40 nA
Imax = 200 mA, fmax = 5 MHz, and
duration <400 ns
−
4.75
4.5
−−
5.25
5.5
V
ICC
output current
VCC = 5V
−−
−20
mA
VCC shorted to GND
−−
−40
mA
SR
slew rate
up or down
(max capacitance is 150 nF)
0.04
0.1
0.16
V/
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com