Electronic Components Datasheet Search
  English  ▼

X  

TDA8005G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8005G
Description  Low-power smart card coupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8005G Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8005G Datasheet HTML 1Page - NXP Semiconductors TDA8005G Datasheet HTML 2Page - NXP Semiconductors TDA8005G Datasheet HTML 3Page - NXP Semiconductors TDA8005G Datasheet HTML 4Page - NXP Semiconductors TDA8005G Datasheet HTML 5Page - NXP Semiconductors TDA8005G Datasheet HTML 6Page - NXP Semiconductors TDA8005G Datasheet HTML 7Page - NXP Semiconductors TDA8005G Datasheet HTML 8Page - NXP Semiconductors TDA8005G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1996 Sep 25
3
Philips Semiconductors
Product specification
Low-power smart card coupler
TDA8005
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
doubler and tripler option
2.5
−
6.0
V
IDD(pd)
supply current in power-down mode
VDD = 5 V; card inactive
−−
100
µA
IDD(sm)
supply current in sleep mode doubler card powered but clock
stopped
−−
500
µA
IDD(sm)
supply current in sleep mode tripler
card powered but clock
stopped
−−
500
µA
IDD(om)
supply current in operating mode
unloaded; fxtal = 13 MHz;
fµC = 6.5 MHz;
fcard = 3.25 MHz
−−
5.5
mA
VCC
card supply voltage
including static and
dynamic loads on 100 nF
capacitor
4.75
5.0
5.25
V
ICC
card supply current
operating
−−
20
mA
limitation
−−
30
mA
SR
slew rate on VCC (rise and fall)
maximum load capacitor
150 nF (including typical
100 nF decoupling)
0.05
0.1
0.15
V/
µs
tde
deactivation cycle duration
−−
100
µs
tact
activation cycle duration
−−
100
µs
fxtal
crystal frequency
2
−
16
MHz
Tamb
operating ambient temperature
−25
−
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8005G
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2
TDA8005H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com