Electronic Components Datasheet Search
  English  ▼

X  

AD538 Datasheet(PDF) 6 Page - Analog Devices

Part # AD538
Description  Real-Time Analog Computational Unit (ACU)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD538 Datasheet HTML 2Page - Analog Devices AD538 Datasheet HTML 3Page - Analog Devices AD538 Datasheet HTML 4Page - Analog Devices AD538 Datasheet HTML 5Page - Analog Devices AD538 Datasheet HTML 6Page - Analog Devices AD538 Datasheet HTML 7Page - Analog Devices AD538 Datasheet HTML 8Page - Analog Devices AD538 Datasheet HTML 9Page - Analog Devices AD538 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD538
Rev. E | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IZ 1
VZ 2
B
3
+10V
4
A
18
D
17
IX
16
VX
15
+2V
5
SIGNAL GND
14
+VS 6
PWR GND
13
–VS 7
C
12
VO 8
IY
11
I
9
VY
10
AD538
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3.
Pin No.
Mnemonic
Description
1
I
Z
Current Input for the Z Multiplicand.
2
V
Z
Voltage Input for the Z Multiplicand.
3
B
Output of the Log Ratio Differential Amplifier. This amplifier subtracts the log of the Z input from the log of the X
input, or performs the equivalent logarithmic equivalent of long division.
4
+10V
+10 V Reference Voltage Output.
5
+2V
+2 V Reference Voltage Output.
6
+V
S
Positive Supply Rail.
7
–V
S
Negative Rail.
8
V
O
Output Voltage.
9
I
Current Input to the Output Amplifier.
10
V
Y
Voltage Input to the Y Multiplicand.
11
I
Y
Current Input to the Y Multiplicand.
12
C
Current Input to the Base of the Antilog Log-to-Linear Converter.
13
PWR GND
High level Power Return of the Chip.
14
SIGNAL GND
Low Level Ground Return of the Device.
15
V
X
Voltage Input of the X Multiplicand.
16
I
X
Current Input of the X Input Multiplicand.
17
D
Use for Log Ratio Function.
18
A
Use for Log Ratio Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com