Electronic Components Datasheet Search
  English  ▼

X  

AD538 Datasheet(PDF) 13 Page - Analog Devices

Part # AD538
Description  Real-Time Analog Computational Unit (ACU)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD538 Datasheet HTML 8Page - Analog Devices AD538 Datasheet HTML 9Page - Analog Devices AD538 Datasheet HTML 10Page - Analog Devices AD538 Datasheet HTML 11Page - Analog Devices AD538 Datasheet HTML 12Page - Analog Devices AD538 Datasheet HTML 13Page - Analog Devices AD538 Datasheet HTML 14Page - Analog Devices AD538 Datasheet HTML 15Page - Analog Devices AD538 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD538
Rev. E | Page 13 of 16
ANALOG COMPUTATION OF POWERS AND ROOTS
It is often necessary to raise the quotient of two input signals to
a power or take a root. This could be squaring, cubing, square
rooting or exponentiation to some noninteger power. Examples
include power series generation. With the AD538, only one or
two external resistors are required to set any desired power, over
the range of 0.2 to 5. Raising the basic quantity VZ/VX to a
power greater than one requires that the gain of the AD538’s log
ratio subtractor be increased, via an external resistor between
the A and D pins. Similarly, a voltage divider that attenuates the
log ratio output between Point B and Point C will program the
power to a value less than one.
3
12
18
17
2
10
15
8
RA
RB
RC
VO
VO
VZ
VY
VZ
VY
VREF
VX
VREF
VX
B
CA
D
POWERS
m
RA
2
196
Ω
3
97.6
Ω
4
64.9
Ω
5
48.7
Ω
3
12
2
10
15
8
B
C
ROOTS
m
RB
RC
1/2
100
Ω
100
Ω
1/3
100
Ω
49.9
Ω
1/4
150
Ω
49.9
Ω
1/5
162
Ω
40.2
Ω
RA =
RB = RC ≤ 200Ω
196
Ω
M – 1
VZ
VREF
VY (
) m
VZ
VREF
VY (
) m
=
–1
RB
RC
1
M
Figure 16. Basic Configurations and Transfer Functions for the AD538
SQUARE ROOT OPERATION
The explicit square root circuit of Figure 17 illustrates a precise
method for performing a real-time square root computation.
For added flexibility and accuracy, this circuit has a scale factor
adjustment.
The actual square rooting operation is performed in this circuit
by raising the quantity VZ/VX to the one-half power via the
resistor divider network consisting of resistors RB and RC. For
maximum linearity, the two resistors should be 1% (or better)
ratio-matched metal film types.
1 V scaling is achieved by dividing-down the 2 V reference
and applying approximately 1 V to both the VY and VX inputs.
In this circuit, the VX input is intentionally set low, to about
0.95 V, so that the VY input can be adjusted high, permitting
a ±5% scale factor trim. Using this trim scheme, the output
voltage will be within ±3 mV ± 0.2% of the ideal value over a
10 V to 1 mV input range (80 dB). For a decreased input dynamic
range of 10 mV to 10 V (60 dB) the error is even less; here the
output will be within ±2 mV ± 0.2% of the ideal value. The
bandwidth of the AD538 square root circuit is approximately
280 kHz with a 1 V p-p sine wave with a +2 V dc offset.
This basic circuit may also be used to compute the cube, fourth
or fifth roots of an input waveform. All that is required for a
given root is that the correct ratio of resistors, RC and RB, be
selected such that their sum is between 150 Ω and 200 Ω.
The optional absolute value circuit shown preceding the AD538
allows the use of bipolar input voltages. Only one op amp is
required for the absolute value function because the IZ input of
the AD538 functions as a summing junction. If it is necessary to
preserve the sign of the input voltage, the polarity of the op amp
output may be sensed and used after the computation to switch
the sign bit of a DVM chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com